Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP130K301D-TR Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RP130K301D-TR
Description  Supply Current Typ. 38uA
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP130K301D-TR Datasheet(HTML) 1 Page - RICOH electronics devices division

  RP130K301D-TR Datasheet HTML 1Page - RICOH electronics devices division RP130K301D-TR Datasheet HTML 2Page - RICOH electronics devices division RP130K301D-TR Datasheet HTML 3Page - RICOH electronics devices division RP130K301D-TR Datasheet HTML 4Page - RICOH electronics devices division RP130K301D-TR Datasheet HTML 5Page - RICOH electronics devices division RP130K301D-TR Datasheet HTML 6Page - RICOH electronics devices division RP130K301D-TR Datasheet HTML 7Page - RICOH electronics devices division RP130K301D-TR Datasheet HTML 8Page - RICOH electronics devices division RP130K301D-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
RP130x SERIES
LOW NOISE 150mA LDO REGULATOR
NO.EA-173-131031
1
OUTLINE
The RP130x Series are CMOS-based positive voltage regulator ICs with high ripple rejection, low dropout
voltage, high output voltage accuracy and extremely low supply current. Each of these ICs consists of a voltage
reference unit, an error amplifier, a resistor-net for voltage setting, a short current limit circuit and a chip enable
circuit.
These ICs have an excellent low supply current performed by CMOS process, moreover they perform with low
dropout voltage due to built-in low ON-resistance. A chip enable function prolongs the battery life.
The input transient response, the load transient response and the ripple rejection have been improved in the
RP130x Series compared with the conventional products. Besides achieving low supply current (Typ.38μA).
The range of the operation voltage is capable from 1.7V to 6.5V and the range of the output voltage is capable
from 1.2V to 5.3V for this product, which is wider range as our conventional product R1114x series.
The output voltage of these ICs is fixed with high accuracy. Since the packages for these ICs are
DFN(PLP)1010-4, SOT-23-5 and SC-82AB, therefore high density mounting of the ICs on boards is possible.
FEATURES
• Supply Current ........................................................... Typ. 38μA
• Supply Current (Standby Mode) .................................. Typ. 0.1 μA
• Ripple Rejection........................................................... Typ. 80dB (f=1kHz)
• Input Voltage Range .................................................... 1.7V to 6.5V
• Output Voltage Range ................................................. 1.2V to 5.3V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Output Voltage Accuracy ............................................. ±1.0% (VOUT>2.0V, Topt=25°C)
• Temperature-Drift Coefficient of Output Voltage.......... Typ. ±20ppm/°C
• Dropout Voltage ........................................................... Typ. 0.32V (IOUT=150mA, VOUT=2.8V)
• Line Regulation............................................................ Typ. 0.02%/V
• Packages ..................................................................... DFN(PLP)1010-4, SC-82AB, SOT-23-5
• Built-in Fold Back Protection Circuit ............................ Typ. 40mA
• Ceramic capacitors are recommended to be used with this IC .....0.47μF or more
APPLICATIONS
• Power source for battery-powered equipment.
• Power source for portable communication equipment.
• Power source for electrical appliances such as cameras, VCRs and camcorders.
• Power source for high stable reference voltage.


Similar Part No. - RP130K301D-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130K301A RICOH-RP130K301A Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
RP130K301B RICOH-RP130K301B Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
More results

Similar Description - RP130K301D-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com