Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP153L010B-E2 Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # RP153L010B-E2
Description  Supply Current RP153LxxxA/ B: Typ. 40 uA x 2
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP153L010B-E2 Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button RP153L010B-E2 Datasheet HTML 5Page - RICOH electronics devices division RP153L010B-E2 Datasheet HTML 6Page - RICOH electronics devices division RP153L010B-E2 Datasheet HTML 7Page - RICOH electronics devices division RP153L010B-E2 Datasheet HTML 8Page - RICOH electronics devices division RP153L010B-E2 Datasheet HTML 9Page - RICOH electronics devices division RP153L010B-E2 Datasheet HTML 10Page - RICOH electronics devices division RP153L010B-E2 Datasheet HTML 11Page - RICOH electronics devices division RP153L010B-E2 Datasheet HTML 12Page - RICOH electronics devices division RP153L010B-E2 Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
RP153L
NO.EA-201-150901
9
APPLICATION INFORMATION
VOUT2
VOUT1
VIN1
VOUT2
VOUT1
GND
CE1
CE2
VDD2
RP153L
COUT2
COUT1
CIN1
VDD1
VIN2
CIN2
RP153L Typical Application Circuit
External Components
Symbol
Description
CIN
Ceramic, 0.22 µF, Murata: GRM155B31A224KE18B
COUT1
COUT2
Technical Notes on the Components Selection
In this device, phase compensation is provided to secure stable operation even when the load current
varied. For this purpose, connect 0.22 μF or more output capacitors (COUT1, COUT2) between the VOUT
and GND pin with shortest-distance wiring. In case of using a tantalum type capacitor and the ESR
(Equivalent Series Resistance) value of the capacitor is large, the output might be unstable. Evaluate the
circuit including consideration of frequency characteristics.
Ensure the VDD and GND lines are sufficiently robust. If their impedance is too high, noise pickup or
unstable operation may result. Connect a 0.22 μF input capacitor (CIN) between the VDD and GND pins
with shortest-distance wiring. Refer to Typical Application Circuit.


Similar Part No. - RP153L010B-E2

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-1205DA RECOM-RP15-1205DA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
RP15-1205DA RECOM-RP15-1205DA Datasheet
518Kb / 8P
   15 Watt Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
97Kb / 4P
   15 Watt 2inch x 1inch Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
514Kb / 7P
   15 Watt Single & Dual Output
More results

Similar Description - RP153L010B-E2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP152 RICOH-RP152 Datasheet
2Mb / 29P
   Supply Current Typ. 40 uA x 2
RP105 RICOH-RP105 Datasheet
3Mb / 38P
   Supply Current Typ. 28 uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com