Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP152L036B-TR Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # RP152L036B-TR
Description  Supply Current Typ. 40 uA x 2
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP152L036B-TR Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button RP152L036B-TR Datasheet HTML 4Page - RICOH electronics devices division RP152L036B-TR Datasheet HTML 5Page - RICOH electronics devices division RP152L036B-TR Datasheet HTML 6Page - RICOH electronics devices division RP152L036B-TR Datasheet HTML 7Page - RICOH electronics devices division RP152L036B-TR Datasheet HTML 8Page - RICOH electronics devices division RP152L036B-TR Datasheet HTML 9Page - RICOH electronics devices division RP152L036B-TR Datasheet HTML 10Page - RICOH electronics devices division RP152L036B-TR Datasheet HTML 11Page - RICOH electronics devices division RP152L036B-TR Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
RP152x
NO.EA-200-160707
8
Product-specific Electrical Characteristics VOUT1 (continued)
Product Name
VOUT1 (Ta = 25°C)
VOUT1
(−40°C ≤ Ta ≤ 85°C) ∆VOUT1/ ∆IOUT
VDIF1
Min.
Typ.
Max.
Min.
Typ.
Max.
Typ.
Max.
Typ.
Max.
RP152x041x
1.780
1.800
1.820
1.740
1.800
1.860
15
55
0.270
0.460
RP152x042x
1.180
1.200
1.220
1.140
1.200
1.260
15
50
0.390
0.620
RP152x043x
1.280
1.300
1.320
1.240
1.300
1.360
15
50
0.390
0.620
RP152x044x
1.080
1.100
1.120
1.040
1.100
1.160
15
50
0.440
0.720
RP152x045x
2.772
2.800
2.828
2.716
2.800
2.884
15
60
0.200
0.350
RP152x046x
2.772
2.800
2.828
2.716
2.800
2.884
15
60
0.200
0.350
RP152x047x
2.475
2.500
2.525
2.425
2.500
2.575
15
60
0.200
0.350
RP152x048x
2.475
2.500
2.525
2.425
2.500
2.575
15
60
0.200
0.350
RP152x049x
1.480
1.500
1.520
1.440
1.500
1.560
15
50
0.310
0.550
RP152x050x
2.376
2.400
2.424
2.328
2.400
2.472
15
60
0.230
0.390
RP152x051x
0.980
1.000
1.020
0.940
1.000
1.060
10
40
0.440
0.720
RP152x052x
1.780
1.800
1.820
1.740
1.800
1.860
15
55
0.270
0.460
RP152x053x
2.574
2.600
2.626
2.522
2.600
2.678
15
60
0.200
0.350
RP152x054x
2.475
2.500
2.525
2.425
2.500
2.575
15
60
0.200
0.350
RP152x055x
2.970
3.000
3.030
2.910
3.000
3.090
15
60
0.190
0.320
RP152x056x
2.574
2.600
2.626
2.522
2.600
2.678
15
60
0.200
0.350
RP152x057x
3.069
3.100
3.131
3.007
3.100
3.193
15
60
0.190
0.320
RP152x058x
0.880
0.900
0.920
0.840
0.900
0.960
10
40
0.500
0.800
RP152x059x
2.871
2.900
2.929
2.813
2.900
2.987
15
60
0.200
0.350
RP152x060x
1.180
1.200
1.212
1.140
1.200
1.260
15
50
0.390
0.620
RP152x061x
1.780
1.800
1.820
1.740
1.800
1.860
15
55
0.270
0.460
RP152x062x
2.475
2.500
2.525
2.425
2.500
2.575
15
60
0.200
0.350


Similar Part No. - RP152L036B-TR

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-1205DA RECOM-RP15-1205DA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
RP15-1205DA RECOM-RP15-1205DA Datasheet
518Kb / 8P
   15 Watt Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
97Kb / 4P
   15 Watt 2inch x 1inch Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
514Kb / 7P
   15 Watt Single & Dual Output
More results

Similar Description - RP152L036B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP153 RICOH-RP153 Datasheet
946Kb / 23P
   Supply Current RP153LxxxA/ B: Typ. 40 uA x 2
RP105 RICOH-RP105 Datasheet
3Mb / 38P
   Supply Current Typ. 28 uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com