Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP115H301D-T1-FE Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # RP115H301D-T1-FE
Description  Supply Current TYP. 110uA
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP115H301D-T1-FE Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button RP115H301D-T1-FE Datasheet HTML 2Page - RICOH electronics devices division RP115H301D-T1-FE Datasheet HTML 3Page - RICOH electronics devices division RP115H301D-T1-FE Datasheet HTML 4Page - RICOH electronics devices division RP115H301D-T1-FE Datasheet HTML 5Page - RICOH electronics devices division RP115H301D-T1-FE Datasheet HTML 6Page - RICOH electronics devices division RP115H301D-T1-FE Datasheet HTML 7Page - RICOH electronics devices division RP115H301D-T1-FE Datasheet HTML 8Page - RICOH electronics devices division RP115H301D-T1-FE Datasheet HTML 9Page - RICOH electronics devices division RP115H301D-T1-FE Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
RP115x
NO. EA-274-150708
6
ELECTRICAL CHARACTERISTICS
VIN=VSET*8+1.0V, IOUT=1mA, CIN=COUT=1.0
μF, unless otherwise noted.
The specifications in
are guaranteed by design engineering at -40ºC
≤ Ta ≤ 85ºC.
RP115x
(Ta=25ºC)
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
Ta=25°C
VSET
≥1.75V
x0.99
x1.01
V
VSET<1.75V
-18
+18
mV
-40°
C≤Ta≤85°C
VSET
≥1.75V x0.985
x1.015
V
VSET<1.75V
Refer to Output Voltage
ILIM
Output Current Limit
VIN=VSET+0.5V
LCON=”L”
500
mA
LCON=”H”*9
1.0
A
∆VOUT
/
∆IOUT
Load Regulation
VIN=VSET+0.5V
1mA
≤IOUT≤500mA
LCON=”L”
1
20
mV
VIN=VSET+0.5V
1mA≤IOUT≤1.0A
LCON=”H”*9
40
VDIF
Dropout Voltage
Refer to Dropout Voltage
ISS
Supply Current
IOUT=0mA
110
160
μA
Istandby
Standby Current
VCE=0V
0.5
3.0
μA
∆VOUT
/
∆VIN
Line Regulation
VSET
+0.5V≤VIN≤5.25V (VIN≥1.4V)
0.02
0.10
%/V
RR
Ripple Rejection
f=1kHz,
Ripple 0.2Vp-p,
VIN=VSET+1.0V,
IOUT=30mA
VSET>1.8V
75
dB
VSET
≤1.8V
80
dB
VIN
Input Voltage*10
1.4
5.25
V
∆VOUT
/
∆Ta
Output Voltage
Temperature Coefficient
-40°C
≤Ta≤85°C
VSET
≥1.75V
±30
ppm
/ºC
VSET<1.75V
±100
ISC
Short Current Limit
VOUT=0V*11
LCON=”L”
60
mA
LCON=”H”*9
110
ICE
CE Pull-down Current
0.05
0.3
0.6
μA
VCEH
CE Input Voltage “H”
1.0
V
VCEL
CE Input Voltage “L”
0.4
V
ILCON
LCON Pull-down Current
(RP115L only)
0.05
0.3
0.6
µA
VLCONH
LCON Input Voltage “H”
(RP115L only)
1.0
V
VLCONL
LCON Input Voltage “L”
(RP115L only)
0.4
V
TTSD
Thermal Shutdown
Temeprature
Junction Temperature
165
ºC
TTSR
Thermal Shutdown
Released Temperature
Junction Temperature
110
ºC


Similar Part No. - RP115H301D-T1-FE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP11.4E1 RECOM-RP11.4E1 Datasheet
66Kb / 2P
   HIgh Voltage Output Series
RP11.4E1 RECOM-RP11.4E1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
RP11.4E1X1 RECOM-RP11.4E1X1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
logo
DIOTEC Electronics Corp...
RP110 DEC-RP110 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
RF Monolithics, Inc
RP1104 RFM-RP1104 Datasheet
94Kb / 2P
   824.25 MHz SAW Resonator
More results

Similar Description - RP115H301D-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com