Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5270 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS5270
Description  8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5270 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ADS5270 Datasheet HTML 1Page - Burr-Brown (TI) ADS5270 Datasheet HTML 2Page - Burr-Brown (TI) ADS5270 Datasheet HTML 3Page - Burr-Brown (TI) ADS5270 Datasheet HTML 4Page - Burr-Brown (TI) ADS5270 Datasheet HTML 5Page - Burr-Brown (TI) ADS5270 Datasheet HTML 6Page - Burr-Brown (TI) ADS5270 Datasheet HTML 7Page - Burr-Brown (TI) ADS5270 Datasheet HTML 8Page - Burr-Brown (TI) ADS5270 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ADS5270
SBAS293D − JANUARY 2004 − REVISED MAY 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS
TMIN = −40°C, and TMAX = +85°C. Typical values are at TA = 25°C, clock frequency = maximum specified, 50% clock duty cycle, AVDD = 3.3V,
LVDD = 3.3V, −1dBFS, internal voltage reference, and LVDS buffer current at 3.5mA per channel, unless otherwise noted.
ADS5270
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
No Missing Codes
Assured
DNL
Differential Nonlinearity
fIN = 5MHz
−0.9
±0.5
0.9
LSB
INL
Integral Nonlinearity
fIN = 5MHz
−2.0
±0.6
2.0
LSB
Offset Error(1)
−0.75
±0.2
0.75
%FS
Offset Temperature Coefficient
14
ppm/
°C
Fixed Attenuation in Channel(2)
1
%FS
Variable Attenuation in Channel(3)
±0.2
%FS
Gain Error(4)
REFT − REFB
−2.5
±1.0
2.5
%FS
Gain Temperature Coefficient(5)
44
ppm/
°C
POWER SUPPLY
ICC
Total Supply Current
VIN = FS, FIN = 5MHz
275
mA
I(AVDD)
Analog Supply Current
VIN = FS, FIN = 5MHz
221
mA
I(LVDD)
Digital Output Driver Supply Current
VIN = FS, FIN = 5MHz, LVDS Into 100Ω Load
54
mA
Power Dissipation
904
950
mW
Power Down
Clock Running
90
mW
REFERENCE VOLTAGES
VREFT
Reference Top (internal)
1.95
2.0
2.05
V
VREFB
Reference Bottom (internal)
0.95
1.0
1.05
V
VCM
Common-Mode Voltage
1.45
1.5
1.55
V
VCM Output Current(6)
±50mV Change in Voltage
±2
mA
VREFT
Reference Top (external)
1.875
V
VREFB
Reference Bottom (external)
1.125
V
External Reference Input Current(7)
2.0
mA
ANALOG INPUT
Differential Input Capacitance
7.0
pF
Analog Input Common-Mode Range
VCM ± 0.05
V
Differential Input Voltage Range
1.5
2.02
VPP
Voltage Overload Recovery Time
Differential Input Signal at 4VPP
Recovery to Within 1% of Code
4.0
CLK Cycles
Input Bandwidth
−3dBFS
300
MHz
DIGITAL DATA OUTPUTS
Data Bit Rate
240
480
MBPS
SERIAL INTERFACE
SCLK
Serial Clock Input Frequency
20
MHz
VIN LOW
Input Low Voltage
0
0.6
V
VIN HIGH
Input High Voltage
2.1
VDD
V
Input Current
±10
µA
Input Pin Capacitance
5.0
pF
(1)
Offset error is the deviation of the average code from mid-code for a zero input. Offset error is expressed in terms of % of full scale.
(2)
Fixed attenuation in the channel arises due to a fixed attenuation of about 1% in the sample-and-hold amplifier. When the differential voltage at the analog input pins are
changed from −VREF to +VREF, the swing of the output code is expected to deviate from the full-scale code (4096LSB) by the extent of this fixed attenuation.
NOTE: VREF is defined as (REFT − REFB).
(3)
Variable attenuation in the channel refers to the attenuation of the signal in the channel over and above the fixed attenuation.
(4)
The reference voltages are trimmed at production so that (VREFT − VREFB) is within ± 25mV of the ideal value of 1V. It does not include fixed attenuation.
(5)
The gain temperature coefficient refers to the temperature coefficient of the attenuation in the channel. It does not account for the variation of the reference voltages with
temperature.
(6)
VCM provides the common-mode current for the inputs of all eight channels when the inputs are AC-coupled. The VCM output current specified is the additional drive of
the VCM buffer if loaded externally.
(7)
Average current drawn from the reference pins in the external reference mode.


Similar Part No. - ADS5270

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5270 TI-ADS5270 Datasheet
1Mb / 28P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5270 TI1-ADS5270 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5270 TI1-ADS5270 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
ADS5270IPFP TI1-ADS5270IPFP Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
ADS5270IPFPG4 TI1-ADS5270IPFPG4 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
More results

Similar Description - ADS5270

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5240 BURR-BROWN-ADS5240 Datasheet
418Kb / 24P
   4-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
   8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1126 MAXIM-MAX1126 Datasheet
790Kb / 25P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
19-3143; Rev 1; 3/04
MAX1436B MAXIM-MAX1436B Datasheet
516Kb / 24P
   Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1126 MAXIM-MAX1126_V01 Datasheet
1Mb / 26P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
2005
logo
Burr-Brown (TI)
ADS5273 BURR-BROWN-ADS5273 Datasheet
254Kb / 16P
   8-Channel, 12-Bit, 70MSPS ADC with Serialized LVDS Interface
logo
Texas Instruments
ADS6425 TI-ADS6425 Datasheet
1Mb / 56P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com