Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP154N016B-TR-FE Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # RP154N016B-TR-FE
Description  300mA SMALL DUAL LDO REGULATOR
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP154N016B-TR-FE Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button RP154N016B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP154N016B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP154N016B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP154N016B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP154N016B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RP154N016B-TR-FE Datasheet HTML 11Page - RICOH electronics devices division RP154N016B-TR-FE Datasheet HTML 12Page - RICOH electronics devices division RP154N016B-TR-FE Datasheet HTML 13Page - RICOH electronics devices division RP154N016B-TR-FE Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
RP154x
NO. EA-202-141010
10
PACKAGE INFORMATION
Power Dissipation (DFN1216-8)
This specification is at mounted on board. Power Dissipation (PD) depends on conditions of mounting on board.
This specification is based on the measurement at the condition below:
Measurement Conditions
Standard Land Pattern
Environment
Mounting on Board (Wind velocity=0m/s)
Board Material
Glass cloth epoxy plastic (Double sided)
Board Dimensions
40mm
 40mm  1.6mm
Copper Ratio
Top side : Approx. 50% , Back side : Approx. 50%
Through-holes
0.5mm  28pcs
Measurement Results
(Topt=25
C, Tjmax=125C)
Standard Land Pattern
Power Dissipation
625mW
Thermal Resistance
ja(12525C)/0.625W160C/W
Thermal Resistance
jc26C/W
Power Dissipation
RECOMMENDED LAND PATTERN
40
85
Ambient Temperature (
C)
800
500
400
300
200
0
150
25
50
75
100
125
0
100
600
700
625
781
(Unit: mm)
0.18
1.30
0.40
The above graph shows the Power Dissipation of the
package based on Tjmax=125
C and Tjmax=150C.
Operating the IC in the shaded area in the graph might
have an influence it's lifetime.
Operating time must be within the time limit described in
the table below, in case of operating in the shaded area.
Operating
time
Estimated
years
13,000hrs
9 years
The volume is calculated on the supposition that
operating four hours/day.
Measurement Board Pattern
IC Mount Area (Unit: mm)
(Unit: mm)


Similar Part No. - RP154N016B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-1205DA RECOM-RP15-1205DA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
RP15-1205DA RECOM-RP15-1205DA Datasheet
518Kb / 8P
   15 Watt Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
97Kb / 4P
   15 Watt 2inch x 1inch Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
514Kb / 7P
   15 Watt Single & Dual Output
More results

Similar Description - RP154N016B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9XXYY UTC-LR9XXYY Datasheet
166Kb / 5P
   300mA SMALL DUAL LDO REGULATOR
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Holtek Semiconductor In...
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
   High PSRR 300mA Dual LDO Regulator
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Unisonic Technologies
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
   300mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com