Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP201K201B-TR Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # RP201K201B-TR
Description  Supply Current (Low power Mode) Typ. 1.0uA (VOUT<1.85V)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP201K201B-TR Datasheet(HTML) 4 Page - RICOH electronics devices division

  RP201K201B-TR Datasheet HTML 1Page - RICOH electronics devices division RP201K201B-TR Datasheet HTML 2Page - RICOH electronics devices division RP201K201B-TR Datasheet HTML 3Page - RICOH electronics devices division RP201K201B-TR Datasheet HTML 4Page - RICOH electronics devices division RP201K201B-TR Datasheet HTML 5Page - RICOH electronics devices division RP201K201B-TR Datasheet HTML 6Page - RICOH electronics devices division RP201K201B-TR Datasheet HTML 7Page - RICOH electronics devices division RP201K201B-TR Datasheet HTML 8Page - RICOH electronics devices division RP201K201B-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
RP201x
4
PIN CONFIGURATIONS
WLCSP-4-P5
DFN(PLP)1212-6
Silicon Side
2
1
3
4
Bump Side
1
2
4
3
Top View
3
1
4
6
2
5
Bottom View
1
3
6
4
2
5
SC-88A
SOT-23-5
5
4
1
3
2
(mark side)
1
4
5
2
3
(mark side)
*RP201Q (SC-88A) and RP201N (SOT-23-5) are the discontinued products. As of June in 2016.


Similar Part No. - RP201K201B-TR

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RP2010CB-1000JN-91 BARRY-RP2010CB-1000JN-91 Datasheet
248Kb / 2P
   8W Al2O3 Chip Resistor w/ Wraparound Terminals
RP2010CB-1000JN-91TR BARRY-RP2010CB-1000JN-91TR Datasheet
248Kb / 2P
   8W Al2O3 Chip Resistor w/ Wraparound Terminals
RP2010CB-1000JN-91WP BARRY-RP2010CB-1000JN-91WP Datasheet
248Kb / 2P
   8W Al2O3 Chip Resistor w/ Wraparound Terminals
RP2010CB-1000JN-93 BARRY-RP2010CB-1000JN-93 Datasheet
251Kb / 2P
   4W Al2O3 Chip Resistor w/ Wraparound Terminals
RP2010CB-1000JN-93TR BARRY-RP2010CB-1000JN-93TR Datasheet
251Kb / 2P
   4W Al2O3 Chip Resistor w/ Wraparound Terminals
More results

Similar Description - RP201K201B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP200 RICOH-RP200 Datasheet
547Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT < 1.85V)
R5328K RICOH-R5328K_17 Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
RH5RE RICOH-RH5RE Datasheet
270Kb / 20P
   Supply Current Typ. 1.1uA (VOUT=3.0V, VIN=5.0V)
RP110 RICOH-RP110_17 Datasheet
664Kb / 37P
   Supply Current Typ. 1.0uA (Except the current through CE pull down circuit)
RN5RL RICOH-RN5RL_17 Datasheet
566Kb / 18P
   Supply Current Typ. 1.1關A (VOUT=3.0V, VIN=5.0V)
R1191 RICOH-R1191 Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
R5326 RICOH-R5326 Datasheet
988Kb / 27P
   Supply Current (Low Power Mode) Typ. 5.5關A횞2 (VR1&VR2) (IOUT=0mA)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com