Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP173K501D-TR Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # RP173K501D-TR
Description  Output Current Typ. 150mA
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP173K501D-TR Datasheet(HTML) 3 Page - RICOH electronics devices division

  RP173K501D-TR Datasheet HTML 1Page - RICOH electronics devices division RP173K501D-TR Datasheet HTML 2Page - RICOH electronics devices division RP173K501D-TR Datasheet HTML 3Page - RICOH electronics devices division RP173K501D-TR Datasheet HTML 4Page - RICOH electronics devices division RP173K501D-TR Datasheet HTML 5Page - RICOH electronics devices division RP173K501D-TR Datasheet HTML 6Page - RICOH electronics devices division RP173K501D-TR Datasheet HTML 7Page - RICOH electronics devices division RP173K501D-TR Datasheet HTML 8Page - RICOH electronics devices division RP173K501D-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
RP173x
3
PIN CONFIGURATIONS
DFN(PLP)1010-4
SC-88A
SOT-23-5
Top View
2
1
3
4
Bottom View
1
2
4
3
54
1
3
2
(mark side)
1
2
3
4
5
(mark side)
PIN DESCRIPTIONS
DFN(PLP)1010-4
Pin No.
Symbol
Description
1
VOUT
Output Pin
2
GND
Ground Pin
3
CE /CE
Chip Enable Pin
4
VDD
Input Pin
∗) Tab is GND level. (They are connected to the reverse side of this IC.)
The tab is better to be connected to the GND, but leaving it open is also acceptable.
SC-88A
Pin No.
Symbol
Description
1
CE /CE
Chip Enable Pin
2
NC
No Connection
3
GND
Ground Pin
4
VOUT
Output Pin
5
VDD
Input Pin
SOT-23-5
Pin No.
Symbol
Description
1
VDD
Input Pin
2
GND
Ground Pin
3
CE /CE
Chip Enable Pin
4
NC
No Connection
5
VOUT
Output Pin


Similar Part No. - RP173K501D-TR

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RP17 HIROSE-RP17 Datasheet
915Kb / 6P
   Small-sized, plastic type, push-pull lock connectors
RP17-13J-12PC HIROSE-RP17-13J-12PC Datasheet
365Kb / 6P
   Push-Pull Lock Connectors
RP17-13J-12SC HIROSE-RP17-13J-12SC Datasheet
365Kb / 6P
   Push-Pull Lock Connectors
RP17-13J-12SC HIROSE-RP17-13J-12SC Datasheet
915Kb / 6P
   Small-sized, plastic type, push-pull lock connectors
RP17-13JA-12SC HIROSE-RP17-13JA-12SC Datasheet
915Kb / 6P
   Small-sized, plastic type, push-pull lock connectors
More results

Similar Description - RP173K501D-TR

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
Everlight Electronics C...
30-02UYC EVERLIGHT-30-02UYC Datasheet
196Kb / 7P
   POWER LED @150mA Current
30-02UYC-S599 EVERLIGHT-30-02UYC-S599 Datasheet
196Kb / 7P
   POWER LED @150mA Current
logo
RICOH electronics devic...
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com