Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1110 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC1110
Description  Test Instrumentation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1110 Datasheet(HTML) 5 Page - Analog Devices

  HMC1110 Datasheet HTML 1Page - Analog Devices HMC1110 Datasheet HTML 2Page - Analog Devices HMC1110 Datasheet HTML 3Page - Analog Devices HMC1110 Datasheet HTML 4Page - Analog Devices HMC1110 Datasheet HTML 5Page - Analog Devices HMC1110 Datasheet HTML 6Page - Analog Devices HMC1110 Datasheet HTML 7Page - Analog Devices HMC1110 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
5
HMC1110
v00.0615
GaAs MMIC X6 ACTIVE FREQUENCY
MULTIPLIER, 71 - 86 GHz
Pad Descriptions
Pad Number
Function
Description
Pin Schematic
1, 3, 4, 6, 8, 10,
12, 13, 15, 17, 18
GND
Ground pads must be connected to RF/DC ground.
2
LO_IN
This pin is DC coupled
and matched to 50 Ohms.
5
VD_MULT
Supply voltage for multiplier. External bypass capacitors of 100 pF,
0.01 µF and 4.7 µF are recommended.
7, 11
VD_AMP1,
VD_AMP2
Supply voltage for input and output amplifiers. External bypass
capacitors of 100 pF, 0.01µF and 4.7 µF are recommended.
9
VG_AMP
Gate control for amplifier. External bypass capacitors of 100pF,
0.01µF and 4.7µF are required. Adjust VG_AMP between -2 to 0V
to achieve 175 mA total on VD_AMP1 and VD_AMP2.
16, 19
VG_X2, VG_X3
Gate control for multiplier. External bypass capacitors of 100 pF,
0.01 µF and 4.7 µF are recommended. Adjust VG_X2, VG_X3
between -2 to 0V to achieve 1 - 2 mA on VD_MULT.
14
LO_OUT
This pin is AC coupled
and matched to 50 Ohms.
Die Bottom
GND
Die bottom must be connected to RF/DC ground.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC1110

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1113LP5E AD-HMC1113LP5E Datasheet
615Kb / 12P
   GaAs MMIC i/q mi xer DOWNCONVER TER , 10 - 16 GHz
HMC1114 AD-HMC1114 Datasheet
483Kb / 16P
   High output IP3: 44 dBm typical
HMC1114LP5DE AD-HMC1114LP5DE Datasheet
483Kb / 16P
   High output IP3: 44 dBm typical
HMC1114LP5DETR AD-HMC1114LP5DETR Datasheet
483Kb / 16P
   High output IP3: 44 dBm typical
HMC1114PM5E AD-HMC1114PM5E Datasheet
668Kb / 17P
   GaN Power Amplifier
More results

Similar Description - HMC1110

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC579 MICROSS-HMC579 Datasheet
863Kb / 9P
   Test Instrumentation
logo
Analog Devices
HMC579 AD-HMC579 Datasheet
298Kb / 6P
   Test Instrumentation
HMC659 AD-HMC659 Datasheet
682Kb / 8P
   Test Instrumentation
HMC448LC3B AD-HMC448LC3B Datasheet
340Kb / 6P
   Test Instrumentation
HMC561 AD-HMC561 Datasheet
391Kb / 6P
   Test Instrumentation
HMC464 AD-HMC464 Datasheet
344Kb / 6P
   Test Instrumentation
HMC606LC5 AD-HMC606LC5 Datasheet
407Kb / 6P
   Test Instrumentation
HMC369LP3 AD-HMC369LP3 Datasheet
353Kb / 6P
   Test Instrumentation
HMC144LH5 AD-HMC144LH5 Datasheet
548Kb / 8P
   Test Instrumentation
HMC575LP4 AD-HMC575LP4 Datasheet
314Kb / 6P
   Test Instrumentation
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com