Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP131J201D-T1-FE Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # RP131J201D-T1-FE
Description  Output Current Min. 1A
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP131J201D-T1-FE Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button RP131J201D-T1-FE Datasheet HTML 2Page - RICOH electronics devices division RP131J201D-T1-FE Datasheet HTML 3Page - RICOH electronics devices division RP131J201D-T1-FE Datasheet HTML 4Page - RICOH electronics devices division RP131J201D-T1-FE Datasheet HTML 5Page - RICOH electronics devices division RP131J201D-T1-FE Datasheet HTML 6Page - RICOH electronics devices division RP131J201D-T1-FE Datasheet HTML 7Page - RICOH electronics devices division RP131J201D-T1-FE Datasheet HTML 8Page - RICOH electronics devices division RP131J201D-T1-FE Datasheet HTML 9Page - RICOH electronics devices division RP131J201D-T1-FE Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
RP131x
NO.EA-174-160426
6
ELECTRICAL CHARACTERISTICS
VIN
=Set VOUT+1V, IOUT=1mA
The specification in
is checked and guaranteed by design engineering at −40
°C≤Topt≤85°C, unless
otherwise noted.
RP131xxx1B/D
Topt=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
Topt
=25°C
VOUT>1.5V
×0.99
×1.01
V
VOUT≤1.5V
−15
15
mV
−40°C≤Topt≤85°C
VOUT>1.5V
×0.974
×1.018
V
VOUT≤1.5V
−40
27
mV
ΔVOUT/
ΔIOUT
Load Regulation
0.1mA≤IOUT≤300mA
20
40
mV
0.1mA≤IOUT≤1A
80
120
VDIF
Dropout Voltage
Refer to the following table
ISS
Supply Current
IOUT
=0mA (VIN=6.5V)
65
90
μA
Istandby
Standby Current
VCE
=0V, VIN=6.5V
0.15
0.60
μA
ΔVOUT/
ΔVIN
Line Regulation
Set VOUT
+0.5V≤VIN≤6.5V
∗However, VIN ≥1.6V
0.05
0.1
%/V
RR
Ripple Rejection
f
=1kHz
Ripple 0.2Vp-p
IOUT
=100mA
VOUT≤3.3V
70
dB
VOUT>3.3V
60
VIN
Input Voltage
1.6
6.5
V
ΔVOUT/
ΔTopt
Output Voltage
Temperature Coefficient
−40°C≤Topt≤85°C
±100
ppm
/
°C
ILIM
Output Current Limit
1
A
ISC
Short Current Limit
VOUT
=0V
250
mA
IPD
CE Pull-down Current
0.3
μA
VCEH
CE Input Voltage "H"
1.0
V
VCEL
CE Input Voltage "L"
0.4
V
en
Output Noise
BW
=10Hz to 100kHz, IOUT=1mA
45
μVrms
TTSD
Thermal Shutdown
Temperature
Junction Temperature
165
°C
TTSR
Thermal Shutdown
Released Temperature
Junction Temperature
135
°C
RLOW
Low Output Nch Tr. ON
Resistance (of D version) V
IN
=4.0V, VCE=0V
30
Ω
The specification in
is checked and guaranteed by design engineering at
−40°C≤Topt≤85°C, unless
otherwise noted.
All of unit are tested and specified under load conditions such that TjTopt
=25°C except for Output Noise, Ripple
Rejection, Output Voltage Temperature Coefficient, Dropout Voltage at 1A Output Current and Thermal
Shutdown items.


Similar Part No. - RP131J201D-T1-FE

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
   POWER INDUCTORS
RP1315 SUMIDA-RP1315 Datasheet
70Kb / 2P
   Power Inductor< PIN Type: RP Series>
RP1315B SUMIDA-RP1315B Datasheet
248Kb / 5P
   PIN Power Inductor
RP1315BNP-100M SUMIDA-RP1315BNP-100M Datasheet
70Kb / 2P
   Power Inductor< PIN Type: RP Series>
RP1315BNP-100M SUMIDA-RP1315BNP-100M Datasheet
147Kb / 5P
   PIN Power Inductor
More results

Similar Description - RP131J201D-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP132 RICOH-RP132 Datasheet
1Mb / 47P
   Output Current Min. 1A
RP108J RICOH-RP108J Datasheet
1Mb / 28P
   Output Current Min. 3A
logo
Wall Industries,Inc.
DCNSR WALL-DCNSR_16 Datasheet
440Kb / 5P
   1A Output Current
logo
List of Unclassifed Man...
KA7915TU ETC2-KA7915TU Datasheet
163Kb / 16P
   Output Current in Excess of 1A
logo
KIA Semiconductor Techn...
7805 KIA-7805 Datasheet
16Kb / 2P
   Output current in excess of 1A
logo
Linear Technology
LTC3646-1 LINER-LTC3646-1 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
   1A Output Current Low Dropout Voltage Regulator
logo
Torex Semiconductor
XC6194 TOREX-XC6194 Datasheet
635Kb / 28P
   1A Output Current Push Button Smart Load Switch
logo
Texas Instruments
LM2940T-12.0 TI-LM2940T-12.0 Datasheet
2Mb / 35P
[Old version datasheet]   Dropout Voltage Typically 0.5V @IO = 1A, Output Current in Excess of 1A
logo
Omron Electronics LLC
EE-SX2088 OMRON-EE-SX2088 Datasheet
769Kb / 3P
   0.5-mA output min. with only 1-mA forward LED current.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com