Electronic Components Datasheet Search |
|
RP173Q502D-TR-FE Datasheet(PDF) 5 Page - RICOH electronics devices division |
|
RP173Q502D-TR-FE Datasheet(HTML) 5 Page - RICOH electronics devices division |
5 / 22 page RP173x 5 ELECTRICAL CHARACTERISTICS Unless otherwise noted,VIN=Set VOUT +1.0V(VOUT >1.5), IOUT=1mA,CIN =COUT=0.1μF. The values in are applicable under the condition of −40°C ≤ Topt ≤ 85°C. • RP173xxxxA Topt =25°C Symbol Item Conditons Min. Typ. Max. Unit VOUT>1.5V ×0.99 ×1.01 V Topt =25°C VOUT ≤ 1.5V −15 15 mV VOUT>1.5V ×0.982 ×1.018 V VOUT Output Voltage −40°C ≤ Topt ≤ 85°C VOUT ≤ 1.5V −28 27 mV IOUT Output Current 150 mA ΔVOUT/ΔIOUT Load Regulation 0.1mA ≤ IOUT ≤ 150mA −30 −3 35 mV VDIF Dropout Voltage Refer to the "Dropout Voltage" ISS Supply Current IOUT =0mA 2.0 3.7 μA Istandby Standby Current VIN =VIN(Max.) VCE =0V 0.2 0.6 μA ΔVOUT/ΔVIN Load Regulation Set VOUT +0.5V ≤ VIN ≤ VIN(Max.) When VOUT ≤ 2.0V, 2.5V ≤ VIN ≤ VIN(Max.) 0.02 0.20 %/V RR Ripple Rejection f =1kHz, Rippke 0.2Vp −p,IOUT=10mA ※When VOUT<2.0V,VIN =3.0V 30 dB 1.2 ≤ VOUT < 4.5 2.5 Vset +6.5 VIN Input Voltage 4.5 ≤ VOUT ≤ 5.5 2.5 11 V ΔVOUT/ΔTopt Output Voltage Temperature Coefficient −40°C ≤ Topt ≤ 85°C ±100 ppm /℃ ISC Short Current Limit Circuit VOUT =0V 45 mA VCEH CE Input Voltage"H" 1.7 V VCEL CE Input Voltage"L" 0.8 V IREV Reverse Current 0 ≤ VIN ≤ 11.0V, VOUT ≥ 1.5V 0 0.16 μA VREV_DET* Reverse Current Protection Mode Detection Offset, VREV =VDD−VOUT 0 ≤ VIN ≤ 11.0V, VOUT ≥ 1.5V 55 100 mV VREV_REL* Reverse Current Protection Mode Release Offset 0 ≤ VIN ≤ 11.0V, VOUT ≥ 1.5V 70 120 mV The values in have been tested and guaranteed by Design Engineering. All of units are tested and specified under the pulse load conditions such that Tj ≈Topt 25 °C except for Ripple Rejection and Output Voltage Temperature Coefficient. *) The operation coverage of the Reverse Current Protection Circuit is VOUT ≥ 1.5V. However, under the condition of VIN =VOUT=0V, always the Reverse Current Protection Circuit is operating. |
Similar Part No. - RP173Q502D-TR-FE |
|
Similar Description - RP173Q502D-TR-FE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |