Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP200N301D-TR-FE Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RP200N301D-TR-FE
Description  Supply Current (Low power Mode) Typ. 1.0uA (VOUT < 1.85V)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP200N301D-TR-FE Datasheet(HTML) 1 Page - RICOH electronics devices division

  RP200N301D-TR-FE Datasheet HTML 1Page - RICOH electronics devices division RP200N301D-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RP200N301D-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP200N301D-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP200N301D-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP200N301D-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP200N301D-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP200N301D-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP200N301D-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
RP200x SERIES
3-MODE 300mA LDO REGULATOR
NO.EA-182-140530
1
OUTLINE
The RP200x Series consist of CMOS-based voltage regulator ICs with high output voltage accuracy, low
dropout voltage and low supply current. These ICs perform with the chip enable function and realize a standby
mode with ultra low supply current. To prevent the destruction by over current, the current limit circuit is included.
The RP200x Series have 3-mode. One is standby mode with CE pin. Other two modes are realized with ECO
Function. Fast Response Mode (Fast Mode) and Fast and Low Power auto-change Mode (Auto ECO Mode) are
alternative with Auto Eco pin (AE pin). Supply current of IC itself at light load is automatically reduced at Auto
ECO Mode compared with Fast Mode. The output voltage is maintained between Fast Mode and Auto ECO
Mode.
Without AE pin type is also available. It is an LDO regulator with Auto ECO mode. (RP200Z in WLCSP.)
Since the packages for these ICs are SOT-23-5, SC-88A, thin DFN(PLP)1212-6, and WLCSP-4-P5, high
density mounting of the ICs on boards is possible. RP200Q (SC-88A), RP200K (DFN(PLP)1212-6) and RP200N
(SOT-23-5) has AE pin, then if the AE pin is "H", Fast Mode is available. If the AE pin is set at "L" level, Auto ECO
Mode operation is available.
FEATURES
• Supply Current (Low power Mode) ..............................Typ. 1.0μA (VOUT ≤ 1.85V)
• Supply Current (Fast Mode).........................................Typ. 55μA
• Supply Current (Standby Mode)...................................Typ. 0.1 μA
• Ripple Rejection...........................................................Typ. 70dB (f=1kHz)
• Input Voltage Range ....................................................1.4V to 5.25V
• Output Voltage Range..................................................0.8V to 4.0V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Output Voltage Accuracy..............................................±1.0% (VOUT > 2.0V, Topt=25°C)
• Temperature-Drift Coefficient of Output Voltage ..........Typ. ±50ppm/°C
• Dropout Voltage ...........................................................Typ. 0.23V (IOUT=300mA, VOUT=2.8V)
• Line Regulation ............................................................Typ. 0.02%/V
• Packages .....................................................................DFN(PLP)1212-6, SOT-23-5,
SC-88A, WLCSP-4-P5
• Built-in Fold Back Protection Circuit ............................Typ. 50mA (Current at short mode)
• Ceramic capacitors are recommended........................1.0μF
APPLICATIONS
• Power source for portable communication equipment.
• Power source for electrical appliances such as cameras, VCRs and camcorders.
• Power source for battery-powered equipment.
*RP200Q (SC-88A) is the discontinued product. As of March in 2015.


Similar Part No. - RP200N301D-TR-FE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20 RECOM-RP20 Datasheet
99Kb / 4P
   20 Watt Single, Dual & Triple Output
RP20-11005SFR RECOM-RP20-11005SFR Datasheet
496Kb / 8P
   DC/DC Converter
RP20-11012DFR RECOM-RP20-11012DFR Datasheet
496Kb / 8P
   DC/DC Converter
RP20-11012SFR RECOM-RP20-11012SFR Datasheet
496Kb / 8P
   DC/DC Converter
RP20-11015DFR RECOM-RP20-11015DFR Datasheet
496Kb / 8P
   DC/DC Converter
More results

Similar Description - RP200N301D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP201 RICOH-RP201 Datasheet
824Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT<1.85V)
R5328K RICOH-R5328K_17 Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
RH5RE RICOH-RH5RE Datasheet
270Kb / 20P
   Supply Current Typ. 1.1uA (VOUT=3.0V, VIN=5.0V)
RP110 RICOH-RP110_17 Datasheet
664Kb / 37P
   Supply Current Typ. 1.0uA (Except the current through CE pull down circuit)
RN5RL RICOH-RN5RL_17 Datasheet
566Kb / 18P
   Supply Current Typ. 1.1關A (VOUT=3.0V, VIN=5.0V)
R1191 RICOH-R1191 Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
R5326 RICOH-R5326 Datasheet
988Kb / 27P
   Supply Current (Low Power Mode) Typ. 5.5關A횞2 (VR1&VR2) (IOUT=0mA)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com