Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP130Q411A Datasheet(PDF) 26 Page - RICOH electronics devices division

Part # RP130Q411A
Description  Supply Current Typ. 38uA
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP130Q411A Datasheet(HTML) 26 Page - RICOH electronics devices division

Back Button RP130Q411A Datasheet HTML 22Page - RICOH electronics devices division RP130Q411A Datasheet HTML 23Page - RICOH electronics devices division RP130Q411A Datasheet HTML 24Page - RICOH electronics devices division RP130Q411A Datasheet HTML 25Page - RICOH electronics devices division RP130Q411A Datasheet HTML 26Page - RICOH electronics devices division RP130Q411A Datasheet HTML 27Page - RICOH electronics devices division RP130Q411A Datasheet HTML 28Page - RICOH electronics devices division RP130Q411A Datasheet HTML 29Page - RICOH electronics devices division RP130Q411A Datasheet HTML 30Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
RP130x
NO.EA-173-131031
26
11) Load Transient Response (tr
=tf=0.5μs, C1=0.47μF, C2=0.47μF, IOUT=50mA 100mA, Topt=25°C)
RP130x121x
RP130x281x
100
0
50
10
0
100
40
60
20
80 90
50
70
30
Output Voltage
1.18
1.20
1.21
1.22
1.19
150
Time t (
μs)
Output Current
50mA
100mA
100
0
50
10
0
100
40
60
20
80 90
50
70
30
Output Voltage
2.78
2.80
2.81
2.82
2.79
150
Time t (
μs)
Output Current
50mA
100mA
RP130x501x
100
0
50
10
0
100
40
60
20
80 90
50
70
30
Output Voltage
4.97
4.99
5.00
5.01
4.98
150
Time t (
μs)
Output Current
50mA
100mA
12) Load Transient Response (tr
=tf=0.5μs, C1=0.47μF, C2=0.47μF, IOUT=1mA 150mA, Topt=25°C)
RP130x121x
RP130x281x
100
0
10
0
100
40
60
20
80 90
50
70
30
Output Voltage
1.10
1.20
1.25
1.30
1.15
200
Time t (
μs)
Output Current
1mA
150mA
100
0
10
0
100
40
60
20
80 90
50
70
30
Output Voltage
2.65
2.75
2.80
2.85
2.90
2.70
200
Time t (
μs)
Output Current
1mA
150mA


Similar Part No. - RP130Q411A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130Q411A RICOH-RP130Q411A Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
More results

Similar Description - RP130Q411A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com