Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP202Q122B-TR-FE Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RP202Q122B-TR-FE
Description  Input Voltage Range 1.4V to 5.25V
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP202Q122B-TR-FE Datasheet(HTML) 1 Page - RICOH electronics devices division

  RP202Q122B-TR-FE Datasheet HTML 1Page - RICOH electronics devices division RP202Q122B-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RP202Q122B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP202Q122B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP202Q122B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP202Q122B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP202Q122B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP202Q122B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP202Q122B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
RP202x SERIES
Low Power/Fast MODE alternative 200mA LDO REGULATOR
NO.EA-279-160324
1
OUTLINE
The RP202x Series consist of CMOS-based voltage regulator ICs with high output voltage accuracy, low dropout
voltage and low supply current. These ICs perform with the chip enable function and realize a standby mode with
ultra low supply current. To prevent the destruction by over current, the current limit circuit is included. The RP202
Series have 3-mode. One is standby mode with CE pin. The other two are the fast response mode (Fast Mode) and
the low power mode, and switch over automatically according to the load current of the LDO. Supply current of IC
itself at light load is automatically reduced. The output voltage is maintained between Fast Mode and ECO Mode.
The RP202x consists of a voltage reference unit, an error amplifier, a resister net for voltage setting, and a current
limit circuit.
Since the packages for these ICs are SOT-23-5, SC-88A, and DFN(PLP)1010-4, high density mounting of the ICs
on boards is possible.
FEATURES
Input Voltage Range ............................................. 1.4V to 5.25V
Output Voltage Range ..........................................0.8V to 4.0V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
Supply Current (IOUT=0mA) ................................... Typ. 2.5
A
Supply Current (IOUT=10mA) ................................. Typ. 50
A
Supply Current (Standby Mode) ........................... Typ. 0.1
A
Dropout Voltage .................................................... Typ. 0.20V (IOUT
200mA, VOUT2.8V)
Ripple Rejection.................................................... Typ. 70dB (f
1kHz, VOUT2.8V, IOUT30mA)
Line Regulation..................................................... Typ. 0.02%/V (IOUT=10mA)
Packages .............................................................. DFN(PLP)1010-4, SC-88A, SOT-23-5
Built-in Foldback Protection Circuit....................... Typ. 60mA (Current at short mode)
Built-in Constant Slope Circuit (Soft-start Function)
Ceramic capacitors are recommended to be used with this IC .....0.47
F or more
APPLICATIONS
Power source for portable communication equipment.
Power source for electrical appliances such as cameras, VCRs and camcorders.
Power source for battery-powered equipment.


Similar Part No. - RP202Q122B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
RP202QXX2_-TR-FE NISSHINBO-RP202QXX2_-TR-FE Datasheet
1Mb / 28P
   Low Power / Fast Mode Alternative 200mA LDO Regulator
More results

Similar Description - RP202Q122B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8023GQW RICHTEK-RT8023GQW Datasheet
391Kb / 19P
   Converter Input Voltage Range : 2.6V to 5.5V, LDO Input Voltage Range : 2.4V to 5.5V
logo
Gamma Microelectronics ...
GM7230HV GAMMA-GM7230HV Datasheet
546Kb / 9P
   Input voltage range up to 60V
logo
Recom International Pow...
RAC-ADAPT-ST-1 RECOM-RAC-ADAPT-ST-1 Datasheet
1Mb / 4P
   Up to 488VAC input voltage range
logo
Shanghai Leiditech Elec...
LP25151T5 LEIDITECH-LP25151T5 Datasheet
1Mb / 6P
   Input Voltage Range: 2.5V to 5.5V
LP25151T5-A LEIDITECH-LP25151T5-A Datasheet
1Mb / 6P
   Input Voltage Range: 2.5V to 5.5V
LP25P20T5 LEIDITECH-LP25P20T5 Datasheet
761Kb / 7P
   Input Voltage Range: 2.5V to 5.5V
logo
Lowpower Semiconductor ...
LP3210 POWER-LP3210 Datasheet
336Kb / 7P
   2.8V to Vout Range Input Voltage
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
R1511 RICOH-R1511 Datasheet
874Kb / 20P
   Input Voltage Range 3.5V to 36V
logo
Texas Instruments
PT4484-48V TI1-PT4484-48V Datasheet
182Kb / 8P
[Old version datasheet]   36V to 75V Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com