Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMD2N Datasheet(PDF) 2 Page - Rohm

Part # UMD2N
Description  General purpose Dual digital transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMD2N Datasheet(HTML) 2 Page - Rohm

  UMD2N Datasheet HTML 1Page - Rohm UMD2N Datasheet HTML 2Page - Rohm UMD2N Datasheet HTML 3Page - Rohm UMD2N Datasheet HTML 4Page - Rohm UMD2N Datasheet HTML 5Page - Rohm UMD2N Datasheet HTML 6Page - Rohm UMD2N Datasheet HTML 7Page - Rohm UMD2N Datasheet HTML 8Page - Rohm UMD2N Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
EMD2 / UMD2N / IMD2A
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol DTr1(NPN) DTr2(PNP)
Unit
Supply voltage
VCC
50
-50
V
Input voltage
VIN
-10 to 40
-40 to 10
V
Output current
IO
30
-30
mA
Collector current
IC(MAX)*1
100
-100
mA
Power dissipation
EMD2/ UMD2N
PD*2*3
150
mW/Total
IMD2A
PD*2*4
300
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
l
lElectrical characteristics (Ta = 25°C) <For DTr1(NPN)>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input voltage
VI(off)
VCC = 5V, IO = 100μA
-
-
0.5
V
VI(on)
VO = 0.2V, IO = 5mA
3.0
-
-
Output voltage
VO(on)
IO = 10mA, II = 0.5mA
-
100
300
mV
Input current
II
VI = 5V
-
-
360
μA
Output current
IO(off)
VCC = 50V, VI = 0V
-
-
500
nA
DC current gain
GI
VO = 5V, IO = 5mA
56
-
-
-
Input resistance
R1
-
15.4
22
28.6
Resistance ratio
R2/R1
-
0.8
1.0
1.2
-
Transition frequency
fT*1
VCE = 10V, IE = -5mA,
f = 100MHz
-
250
-
MHz
l
lElectrical characteristics (Ta = 25°C) <For DTr2(PNP)>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input voltage
VI(off)
VCC = -5V, IO = -100μA
-
-
-0.5
V
VI(on)
VO = -0.2V, IO = -5mA
-3.0
-
-
Output voltage
VO(on)
IO = -10mA, II = -0.5mA
-
-100
-300
mV
Input current
II
VI = -5V
-
-
-360
μA
Output current
IO(off)
VCC = -50V, VI = 0V
-
-
-500
nA
DC current gain
GI
VO = -5V, IO = -5mA
56
-
-
-
Input resistance
R1
-
15.4
22
28.6
Resistance ratio
R2/R1
-
0.8
1.0
1.2
-
Transition frequency
fT*1
VCE = -10V, IE = 5mA,
f = 100MHz
-
250
-
MHz
*1 Characteristics of built-in transistor.
*2 Each terminal mounted on a reference land.
*3 120mW per element must not be exceeded.
*4 200mW per element must not be exceeded.
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
2/9
20151030 - Rev.002


Similar Part No. - UMD2N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMD2N ROHM-UMD2N Datasheet
83Kb / 4P
   General purpose (dual digital transistors)
logo
SeCoS Halbleitertechnol...
UMD2N SECOS-UMD2N Datasheet
456Kb / 3P
   NPN-PNP built-in re sistors Multi-Chip Digital Transistor
logo
Rohm
UMD2N ROHM-UMD2N Datasheet
104Kb / 4P
   General purpose (dual digital transistors)
logo
Micro Commercial Compon...
UMD2N MCC-UMD2N Datasheet
224Kb / 2P
   Digital Transistors
logo
Shenzhen Jin Yu Semicon...
UMD2N HTSEMI-UMD2N Datasheet
246Kb / 1P
   General purpose transistors (dual transistors)
More results

Similar Description - UMD2N

ManufacturerPart #DatasheetDescription
logo
Rohm
EMB53 ROHM-EMB53_16 Datasheet
966Kb / 7P
   General purpose Dual digital transistor
EMB52 ROHM-EMB52 Datasheet
865Kb / 9P
   General purpose Dual digital transistor
EMB10 ROHM-EMB10_15 Datasheet
1Mb / 11P
   General purpose Dual digital transistor
EMB4 ROHM-EMB4_15 Datasheet
999Kb / 9P
   General purpose Dual digital transistor
UMD12NFHA ROHM-UMD12NFHA Datasheet
1Mb / 10P
   General purpose (Dual digital transistor)
EMH25FHA ROHM-EMH25FHA Datasheet
924Kb / 8P
   General purpose (Dual digital transistor)
EMH4FHA ROHM-EMH4FHA Datasheet
1Mb / 7P
   General purpose (dual digital transistor)
EMH4 ROHM-EMH4_15 Datasheet
1Mb / 10P
   General purpose (dual digital transistor)
EMD9 ROHM-EMD9_15 Datasheet
1Mb / 13P
   General purpose (dual digital transistor)
EMH51 ROHM-EMH51_16 Datasheet
1Mb / 8P
   General purpose (dual digital transistor)
EMB4FHA ROHM-EMB4FHA Datasheet
972Kb / 7P
   General purpose (Dual digital transistor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com