Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMA5N Datasheet(PDF) 11 Page - Rohm

Part # UMA5N
Description  Emitter common Dual digital transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMA5N Datasheet(HTML) 11 Page - Rohm

Back Button UMA5N Datasheet HTML 3Page - Rohm UMA5N Datasheet HTML 4Page - Rohm UMA5N Datasheet HTML 5Page - Rohm UMA5N Datasheet HTML 6Page - Rohm UMA5N Datasheet HTML 7Page - Rohm UMA5N Datasheet HTML 8Page - Rohm UMA5N Datasheet HTML 9Page - Rohm UMA5N Datasheet HTML 10Page - Rohm UMA5N Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Datasheet
Part Number
EMA5
Package
EMT5
Unit Quantity
8000
Minimum Package Quantity
8000
Packing Type
Taping
Constitution Materials List
inquiry
RoHS
Yes
EMA5 - Web Page
Distribution Inventory
Buy


Similar Part No. - UMA5N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMA5N ROHM-UMA5N Datasheet
69Kb / 3P
   Emitter common (dual digital transistors)
logo
Shenzhen Jin Yu Semicon...
UMA5N HTSEMI-UMA5N Datasheet
345Kb / 1P
   dual digital transistors (PNP PNP)
logo
Rohm
UMA5N ROHM-UMA5N Datasheet
464Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
logo
Jiangsu Changjiang Elec...
UMA5N JIANGSU-UMA5N Datasheet
1Mb / 4P
   Dual Digital Transistors
More results

Similar Description - UMA5N

ManufacturerPart #DatasheetDescription
logo
Rohm
EMA11 ROHM-EMA11 Datasheet
61Kb / 2P
   Emitter common (dual digital transistors)
FMG9A ROHM-FMG9A Datasheet
76Kb / 2P
   Emitter common (dual digital transistors)
UMA2N ROHM-UMA2N Datasheet
73Kb / 3P
   Emitter common (dual digital transistors)
UMG2N ROHM-UMG2N Datasheet
71Kb / 3P
   Emitter common (dual digital transistors)
FMG5A ROHM-FMG5A Datasheet
72Kb / 4P
   Emitter common (dual digital transistors)
logo
Unisonic Technologies
UG4J UTC-UG4J_07 Datasheet
103Kb / 2P
   EMITTER COMMON (DUAL DIGITAL TRANSISTORS)
logo
Rohm
EMS1 ROHM-EMS1 Datasheet
42Kb / 3P
   Emitter common (dual digital transistors)
UMG3N ROHM-UMG3N Datasheet
67Kb / 3P
   Emitter common (dual digital transistors)
UMA7N ROHM-UMA7N Datasheet
69Kb / 3P
   Emitter common (dual digital transistors)
EMG2 ROHM-EMG2 Datasheet
1Mb / 11P
   Emitter common (dual digital transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com