Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMA5N Datasheet(PDF) 10 Page - Rohm

Part # UMA5N
Description  Emitter common Dual digital transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMA5N Datasheet(HTML) 10 Page - Rohm

Back Button UMA5N Datasheet HTML 3Page - Rohm UMA5N Datasheet HTML 4Page - Rohm UMA5N Datasheet HTML 5Page - Rohm UMA5N Datasheet HTML 6Page - Rohm UMA5N Datasheet HTML 7Page - Rohm UMA5N Datasheet HTML 8Page - Rohm UMA5N Datasheet HTML 9Page - Rohm UMA5N Datasheet HTML 10Page - Rohm UMA5N Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Datasheet
Datasheet
Notice – WE
Rev.001
© 2015 ROHM Co., Ltd. All rights reserved.
General Precaution
1. Before you use our Pro ducts, you are requested to care fully read this document and fully understand its contents.
ROHM shall n ot be in an y way responsible or liabl e for fa ilure, malfunction or acci dent arising from the use of a ny
ROHM’s Products against warning, caution or note contained in this document.
2. All information contained in this docume nt is current as of the issuing date and subj ect to change without any prior
notice. Before purchasing or using ROHM’s Products, please confirm the la test information with a ROHM sale s
representative.
3. The information contained in this doc ument is provi ded on an “as is” basis and ROHM does not warrant that all
information contained in this document is accurate an d/or error-free. ROHM shall not be in an y way responsible or
liable for any damages, expenses or losses incurred by you or third parties resulting from inaccuracy or errors of or
concerning such information.


Similar Part No. - UMA5N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMA5N ROHM-UMA5N Datasheet
69Kb / 3P
   Emitter common (dual digital transistors)
logo
Shenzhen Jin Yu Semicon...
UMA5N HTSEMI-UMA5N Datasheet
345Kb / 1P
   dual digital transistors (PNP PNP)
logo
Rohm
UMA5N ROHM-UMA5N Datasheet
464Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
logo
Jiangsu Changjiang Elec...
UMA5N JIANGSU-UMA5N Datasheet
1Mb / 4P
   Dual Digital Transistors
More results

Similar Description - UMA5N

ManufacturerPart #DatasheetDescription
logo
Rohm
EMA11 ROHM-EMA11 Datasheet
61Kb / 2P
   Emitter common (dual digital transistors)
FMG9A ROHM-FMG9A Datasheet
76Kb / 2P
   Emitter common (dual digital transistors)
UMA2N ROHM-UMA2N Datasheet
73Kb / 3P
   Emitter common (dual digital transistors)
UMG2N ROHM-UMG2N Datasheet
71Kb / 3P
   Emitter common (dual digital transistors)
FMG5A ROHM-FMG5A Datasheet
72Kb / 4P
   Emitter common (dual digital transistors)
logo
Unisonic Technologies
UG4J UTC-UG4J_07 Datasheet
103Kb / 2P
   EMITTER COMMON (DUAL DIGITAL TRANSISTORS)
logo
Rohm
EMS1 ROHM-EMS1 Datasheet
42Kb / 3P
   Emitter common (dual digital transistors)
UMG3N ROHM-UMG3N Datasheet
67Kb / 3P
   Emitter common (dual digital transistors)
UMA7N ROHM-UMA7N Datasheet
69Kb / 3P
   Emitter common (dual digital transistors)
EMG2 ROHM-EMG2 Datasheet
1Mb / 11P
   Emitter common (dual digital transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com