Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC313E Datasheet(PDF) 3 Page - Analog Devices

Part # HMC313E
Description  High Reliability GaAs HBT Process
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC313E Datasheet(HTML) 3 Page - Analog Devices

  HMC313E Datasheet HTML 1Page - Analog Devices HMC313E Datasheet HTML 2Page - Analog Devices HMC313E Datasheet HTML 3Page - Analog Devices HMC313E Datasheet HTML 4Page - Analog Devices HMC313E Datasheet HTML 5Page - Analog Devices HMC313E Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
9
9 - 28
Output IP3 vs. Temperature
Power Compression @ 1 GHz
Power Compression @ 3 GHz
0
5
10
15
20
25
30
35
40
0
123
456
7
+ 25 C
+ 85 C
- 40 C
FREQUENCY (GHz)
-10
-5
0
5
10
15
20
-22
-18
-14
-10
-6
-2
2
Pout (dBm)
Gain (dB)
PAE (%)
INPUT POWER (dBm)
-10
-5
0
5
10
15
20
-22 -20 -18 -16 -14 -12 -10
-8
-6
-4
-2
0
2
4
Pout (dBm)
Gain (dB)
PAE (%)
INPUT POWER (dBm)
HMC313 / 313E
GaAs InGaP HBT MMIC BROADBAND
AMPLIFIER GAIN BLOCK, DC - 6 GHz
v06.0109
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC313E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC313E HITTITE-HMC313E Datasheet
215Kb / 6P
   GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6 GHz
logo
Analog Devices
HMC313E AD-HMC313E Datasheet
1Mb / 6P
   GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC
HMC313ETR AD-HMC313ETR Datasheet
1Mb / 6P
   GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC
More results

Similar Description - HMC313E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMZ25333B NXP-MMZ25333B Datasheet
1Mb / 19P
   InGaP GaAs HBT
Rev. 1, 8/2014
MMZ25332B4 NXP-MMZ25332B4 Datasheet
1Mb / 20P
   InGaP GaAs HBT
Rev. 1, 12/2017
MMZ27333B NXP-MMZ27333B Datasheet
1Mb / 17P
   InGaP GaAs HBT
Rev. 1, 02/2017
logo
Renesas Technology Corp
UPG2317T5J RENESAS-UPG2317T5J Datasheet
238Kb / 11P
   GaAs HBT INTEGRATED CIRCUIT
2008
UPG2304TK RENESAS-UPG2304TK Datasheet
227Kb / 13P
   GaAs HBT INTEGRATED CIRCUIT
2002
logo
Analog Devices
HMC434 AD-HMC434 Datasheet
357Kb / 6P
   SMT GaAs HBT MMIC
logo
Renesas Technology Corp
UPG2314T5N RENESAS-UPG2314T5N Datasheet
252Kb / 13P
   GaAs HBT INTEGRATED CIRCUIT
2008
logo
Hittite Microwave Corpo...
HMC361G8 HITTITE-HMC361G8 Datasheet
563Kb / 6P
   SMT GaAs HBT MMIC
logo
Mitsubishi Electric Sem...
BA01207 MITSUBISHI-BA01207 Datasheet
27Kb / 1P
   GaAs HBT HYBRID IC
logo
RF Micro Devices
RFPA2189 RFMD-RFPA2189_14 Datasheet
792Kb / 11P
   GaAs HBT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com