Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87C51RA2 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P87C51RA2
Description  80C51 Central Processing Unit
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C51RA2 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P87C51RA2 Datasheet HTML 3Page - NXP Semiconductors P87C51RA2 Datasheet HTML 4Page - NXP Semiconductors P87C51RA2 Datasheet HTML 5Page - NXP Semiconductors P87C51RA2 Datasheet HTML 6Page - NXP Semiconductors P87C51RA2 Datasheet HTML 7Page - NXP Semiconductors P87C51RA2 Datasheet HTML 8Page - NXP Semiconductors P87C51RA2 Datasheet HTML 9Page - NXP Semiconductors P87C51RA2 Datasheet HTML 10Page - NXP Semiconductors P87C51RA2 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
Philips Semiconductors
Product data
P87C51RA2/RB2/RC2/RD2
80C51 8-bit microcontroller family 8KB/16KB/32KB/64KB OTP
with 512B/1KB RAM, low voltage (2.7 to 5.5 V), low power, high
speed (30/33 MHz)
2003 Jan 24
7
PIN DESCRIPTIONS
MNEMONIC
PIN NUMBER
TYPE
NAME AND FUNCTION
MNEMONIC
PDIP
PLCC
LQFP
TYPE
NAME AND FUNCTION
VSS
20
22
16
I
Ground: 0 V reference.
VCC
40
44
38
I
Power Supply: This is the power supply voltage for normal, idle, and power-down
operation.
P0.0–0.7
39–32
43–36
37–30
I/O
Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0 pins that have 1s
written to them float and can be used as high-impedance inputs. Port 0 is also the
multiplexed low-order address and data bus during accesses to external program
and data memory. In this application, it uses strong internal pull-ups when emitting 1s.
P1.0–P1.7
1–8
2–9
40–44,
1–3
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups on all pins.
Port 1 pins that have 1s written to them are pulled high by the internal pull-ups and
can be used as inputs. As inputs, port 1 pins that are externally pulled low will
source current because of the internal pull-ups. (See DC Electrical Characteristics:
IIL).
Alternate functions for P87C51RA2/RB2/RC2/RD2 Port 1 include:
1
2
40
I/O
T2 (P1.0): Timer/Counter 2 external count input/Clockout (see Programmable
Clock-Out)
2
3
41
I
T2EX (P1.1): Timer/Counter 2 Reload/Capture/Direction Control
3
4
42
I
ECI (P1.2): External Clock Input to the PCA
4
5
43
I/O
CEX0 (P1.3): Capture/Compare External I/O for PCA module 0
5
6
44
I/O
CEX1 (P1.4): Capture/Compare External I/O for PCA module 1
6
7
1
I/O
CEX2 (P1.5): Capture/Compare External I/O for PCA module 2
7
8
2
I/O
CEX3 (P1.6): Capture/Compare External I/O for PCA module 3
8
9
3
I/O
CEX4 (P1.7): Capture/Compare External I/O for PCA module 4
P2.0–P2.7
21–28
24–31
18–25
I/O
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal pull-ups. Port 2 pins that
have 1s written to them are pulled high by the internal pull-ups and can be used as
inputs. As inputs, port 2 pins that are externally being pulled low will source current
because of the internal pull-ups. (See DC Electrical Characteristics: IIL). Port 2
emits the high-order address byte during fetches from external program memory
and during accesses to external data memory that use 16-bit addresses (MOVX
@DPTR). In this application, it uses strong internal pull-ups when emitting 1s.
During accesses to external data memory that use 8-bit addresses (MOV @Ri),
port 2 emits the contents of the P2 special function register.
P3.0–P3.7
10–17
11,
13–19
5, 7–13
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3 pins that
have 1s written to them are pulled high by the internal pull-ups and can be used as
inputs. As inputs, port 3 pins that are externally being pulled low will source current
because of the pull-ups. (See DC Electrical Characteristics: IIL). Port 3 also serves
the special features of the P87C51RA2/RB2/RC2/RD2, as listed below:
10
11
5
I
RxD (P3.0): Serial input port
11
13
7
O
TxD (P3.1): Serial output port
12
14
8
I
INT0 (P3.2): External interrupt
13
15
9
I
INT1 (P3.3): External interrupt
14
16
10
I
T0 (P3.4): Timer 0 external input
15
17
11
I
T1 (P3.5): Timer 1 external input
16
18
12
O
WR (P3.6): External data memory write strobe
17
19
13
O
RD (P3.7): External data memory read strobe
RST
9
10
4
I
Reset: A high on this pin for two machine cycles while the oscillator is running,
resets the device. An internal resistor to VSS permits a power-on reset using only
an external capacitor to VCC.
ALE
30
33
27
O
Address Latch Enable: Output pulse for latching the low byte of the address
during an access to external memory. In normal operation, ALE is emitted twice
every machine cycle, and can be used for external timing or clocking. Note that one
ALE pulse is skipped during each access to external data memory. ALE can be
disabled by setting SFR auxiliary.0. With this bit set, ALE will be active only during a
MOVX instruction.


Similar Part No. - P87C51RA2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C51RA+4A PHILIPS-P87C51RA+4A Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
P87C51RA+4A PHILIPS-P87C51RA+4A Datasheet
348Kb / 55P
   8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
P87C51RA+4B PHILIPS-P87C51RA+4B Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
P87C51RA+4B PHILIPS-P87C51RA+4B Datasheet
348Kb / 55P
   8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
P87C51RA+4N PHILIPS-P87C51RA+4N Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
More results

Similar Description - P87C51RA2

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG87FX52YE MEGAWIN-MG87FX52YE Datasheet
1Mb / 48P
   80C51 Central Processing Unit
logo
NXP Semiconductors
P89C51RC PHILIPS-P89C51RC Datasheet
287Kb / 50P
   80C51 Central Processing Unit
1999 Oct 27
P8XCE560 PHILIPS-P8XCE560 Datasheet
442Kb / 84P
   80C51 Central Processing Unit (CPU)
1997 Aug 01
logo
Zilog, Inc.
Z84C0010PEC ZILOG-Z84C0010PEC Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
Z8400 ZILOG-Z8400 Datasheet
1,003Kb / 35P
   CENTRAL PROCESSING UNIT
Z84C0006VEG ZILOG-Z84C0006VEG Datasheet
1Mb / 36P
   Central Processing Unit
Z84C0006PEG ZILOG-Z84C0006PEG Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
Z84C0008VEC ZILOG-Z84C0008VEC Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
logo
STMicroelectronics
Z8001SEGCPU STMICROELECTRONICS-Z8001SEGCPU Datasheet
4Mb / 82P
   CENTRAL PROCESSING UNIT
logo
Zilog, Inc.
Z84C0010FEC ZILOG-Z84C0010FEC Datasheet
1Mb / 36P
   Central Processing Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com