Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83C280 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # P83C280
Description  80C51 type core
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C280 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P83C280 Datasheet HTML 7Page - NXP Semiconductors P83C280 Datasheet HTML 8Page - NXP Semiconductors P83C280 Datasheet HTML 9Page - NXP Semiconductors P83C280 Datasheet HTML 10Page - NXP Semiconductors P83C280 Datasheet HTML 11Page - NXP Semiconductors P83C280 Datasheet HTML 12Page - NXP Semiconductors P83C280 Datasheet HTML 13Page - NXP Semiconductors P83C280 Datasheet HTML 14Page - NXP Semiconductors P83C280 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
1997 Dec 12
11
Philips Semiconductors
Product specification
Microcontrollers for monitors with DDC
interface, auto-sync detection and sync proc.
P83Cx80; P87C380
handbook, full pagewidth
MGG029
FF
(MSB)
(LSB)
255
MDCST
FFH
F8H
BYTE ADDRESS
(DECIMAL)
BYTE ADDRESS
(HEX)
BIT ADDRESS
(HEX)
FE
FD
FC
FB
FA
F9
F8
F7
B
F0H
F6
F5
F4
F3
F2
F1
F0
EF
PWME2
E8H
EE
ED
EC
EB
EA
E9
E8
C7
DFCON
C0H
C6
C5
C4
C3
C2
C1
C0
BF
IP0
B8H
BE
BD
BC
BB
BA
B9
B8
B7
P3
B0H
B6
B5
B4
B3
B2
B1
B0
AF
IEN0
A8H
AE
AD
AC
AB
AA
A9
A8
A7
P2
A0H
A6
A5
A4
A3
A2
A1
A0
9F
not used
98H
9E
9D
9C
9B
9A
99
98
97
P1
90H
96
95
94
93
92
91
90
8F
TCON
88H
8E
8D
8C
8B
8A
89
88
87
P0
80H
86
85
84
83
82
81
80
E7
ACC
E0H
E6
E5
E4
E3
E2
E1
E0
DF
S1CON
D8H
PSW
D0H
PWME1
C8H
DE
DD
DC
DB
DA
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
CF
CE
CD
CC
CB
CA
C9
C8
Fig.5 Special Function Registers bit addresses.


Similar Part No. - P83C280

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
P83C251SA16 INTEL-P83C251SA16 Datasheet
428Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P83C251SB16 INTEL-P83C251SB16 Datasheet
428Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P83C251SP16 INTEL-P83C251SP16 Datasheet
428Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P83C251SQ16 INTEL-P83C251SQ16 Datasheet
428Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
logo
NXP Semiconductors
P83C266 PHILIPS-P83C266 Datasheet
383Kb / 92P
   80C51 8-bit CPU
1999 Mar 10
More results

Similar Description - P83C280

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115_03 Datasheet
343Kb / 30P
   80C51 Microcontrollers
AT89C51AC2 ATMEL-AT89C51AC2_05 Datasheet
324Kb / 29P
   80C51 Microcontrollers
AT83C51RB2 ATMEL-AT83C51RB2_08 Datasheet
72Kb / 4P
   80C51 MCUs
T89C51CC01UA ATMEL-T89C51CC01UA Datasheet
136Kb / 8P
   80C51 MCUs
logo
LEM
RT500 LEM-RT500 Datasheet
682Kb / 4P
   Split core type
RT2000 LEM-RT2000 Datasheet
672Kb / 4P
   Split core type
logo
NXP Semiconductors
8XC552 PHILIPS-8XC552 Datasheet
382Kb / 60P
   80C51 FAMILY DERIVATIVES
1996 Aug 06
logo
ATMEL Corporation
T87C5101 ATMEL-T87C5101_14 Datasheet
679Kb / 58P
   80C51 Code Compatible
logo
NXP Semiconductors
P87C552SFAA NXP-P87C552SFAA Datasheet
341Kb / 74P
   80C51 8-bit microcontroller
2003 Apr 01
P87C51RA2 PHILIPS-P87C51RA2 Datasheet
417Kb / 67P
   80C51 Central Processing Unit
2003 Jan 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com