Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83C770AAR Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P83C770AAR
Description  Fully static 80C51 CPU
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C770AAR Datasheet(HTML) 3 Page - NXP Semiconductors

  P83C770AAR Datasheet HTML 1Page - NXP Semiconductors P83C770AAR Datasheet HTML 2Page - NXP Semiconductors P83C770AAR Datasheet HTML 3Page - NXP Semiconductors P83C770AAR Datasheet HTML 4Page - NXP Semiconductors P83C770AAR Datasheet HTML 5Page - NXP Semiconductors P83C770AAR Datasheet HTML 6Page - NXP Semiconductors P83C770AAR Datasheet HTML 7Page - NXP Semiconductors P83C770AAR Datasheet HTML 8Page - NXP Semiconductors P83C770AAR Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
1999 Jun 11
3
Philips Semiconductors
Product specification
Microcontrollers for NTSC TVs with On-Screen
Display (OSD) and Closed Caption (CC)
P8xCx70 family
1
FEATURES
• Fully static 80C51 CPU
• 64-kbyte programmable ROM
• 1-kbyte RAM
• On-chip 12 MHz crystal oscillator
• Eight 7-bit PWM outputs for analog controls
• Three input 4-bit software Analog-to-Digital Converters
(ADC)
• Power-on reset and Watchdog Timer
• 29 I/O lines via individual addressable controls
• Eight port lines (Port 2) with 10 mA LED sink (<1 V)
capability
• On-Screen Display (OSD) and Closed Caption (CC)
with V-chip function
• Byte-level I2C-bus interface up to 400 kHz
• Three power reduction modes: Standby, Idle and
Power-down
• Power supply: 5.0 V ±10%
• Operating temperature: −20 to +70 °C
• 52-pin shrink dual in-line package (SDIP52).
2
GENERAL DESCRIPTION
The P8xCx70 family consists of the following devices:
• P83C270
• P83C370
• P83C570
• P83C770
• P87C770.
The term P8xCx70 is used throughout this data sheet to
refer to all family members; differences between devices
are highlighted in the text.
The P8xCx70 family of microcontrollers are 8-bit,
80C51-based microcontrollers specifically designed for
the NTSC TV market. Each device has an On-Screen
Display, control functions and Closed Caption that
extracts, decodes (software) and displays caption signals
from NTSC TV signals. Extended Data Service (XDS) is
via the software command interpreter and the V-chip is
also implemented.
3
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
ROM
RAM
NAME
DESCRIPTION
VERSION
P83C270AAR
SDIP52
plastic shrink dual in-line package;
52 leads (600 mil)
SOT247-1
24-kbyte
512-byte
P83C370AAR
32-kbyte
512-byte
P83C570AAR
48-kbyte
1-kbyte
P83C770AAR
64-kbyte
1-kbyte
P87C770AAR
64-kbyte
(OTP)
1-kbyte


Similar Part No. - P83C770AAR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83C748EBAA PHILIPS-P83C748EBAA Datasheet
131Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
P83C748EBAA PHILIPS-P83C748EBAA Datasheet
147Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
P83C748EBDDB PHILIPS-P83C748EBDDB Datasheet
131Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
P83C748EBDDB PHILIPS-P83C748EBDDB Datasheet
147Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
P83C748EBPN PHILIPS-P83C748EBPN Datasheet
131Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
More results

Similar Description - P83C770AAR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P8XCX66 PHILIPS-P8XCX66 Datasheet
383Kb / 92P
   80C51 8-bit CPU
1999 Mar 10
P8XCE560 PHILIPS-P8XCE560 Datasheet
442Kb / 84P
   80C51 Central Processing Unit (CPU)
1997 Aug 01
logo
Alliance Semiconductor ...
AS6C1616-TFBGA ALSC-AS6C1616-TFBGA Datasheet
1Mb / 11P
   Fully static operation
AS7C164A ALSC-AS7C164A Datasheet
459Kb / 10P
   Fully static operation
AS7C316096B ALSC-AS7C316096B Datasheet
823Kb / 12P
   Fully static operation
AS6C8016 ALSC-AS6C8016 Datasheet
738Kb / 12P
   Fully static operation
AS7C316096A ALSC-AS7C316096A Datasheet
368Kb / 11P
   Fully static operation
AS6C1608 ALSC-AS6C1608 Datasheet
1Mb / 13P
   Fully static operation
AS6C1016 ALSC-AS6C1016 Datasheet
449Kb / 13P
   Fully static operation
AS6C4008A ALSC-AS6C4008A Datasheet
761Kb / 16P
   Fully static operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com