Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87C770AAR Datasheet(PDF) 11 Page - NXP Semiconductors

Part # P87C770AAR
Description  Fully static 80C51 CPU
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C770AAR Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P87C770AAR Datasheet HTML 7Page - NXP Semiconductors P87C770AAR Datasheet HTML 8Page - NXP Semiconductors P87C770AAR Datasheet HTML 9Page - NXP Semiconductors P87C770AAR Datasheet HTML 10Page - NXP Semiconductors P87C770AAR Datasheet HTML 11Page - NXP Semiconductors P87C770AAR Datasheet HTML 12Page - NXP Semiconductors P87C770AAR Datasheet HTML 13Page - NXP Semiconductors P87C770AAR Datasheet HTML 14Page - NXP Semiconductors P87C770AAR Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
1999 Jun 11
11
Philips Semiconductors
Product specification
Microcontrollers for NTSC TVs with On-Screen
Display (OSD) and Closed Caption (CC)
P8xCx70 family
8
WATCHDOG TIMER (T3)
In addition to the standard timers, an 8-bit Watchdog Timer
is also incorporated. When a timer overflow occurs, the
microcontroller is reset. To prevent a system reset the
timer must be reloaded in time by the application software.
If the processor suffers a hardware/software malfunction,
the software will fail to reload the timer. This failure will
result in a reset upon overflow thus preventing the
processor running out of control.
The timer is incremented every 2 ms. The timer interval
between the timer reloading and the occurrence of a reset
depends on the reloaded value. This may range from
2 to 512 ms according to the following formula:
T
timer
256
T3 value
() 2ms
×
=
The Watchdog Timer can only be reloaded if the condition
flag WLE in SFR PCON has been previously set HIGH by
software. At the moment the counter is loaded WLE is
automatically cleared.
The Watchdog Timer is controlled by the EW bit in SFR
BWC (see Section 11.5). If EW = 1, the Watchdog Timer is
enabled and the Power-down mode disabled. If EW = 0,
the Watchdog Timer is disabled and the Power-down
mode enabled.
In the Idle mode the Watchdog Timer and reset circuitry
remain active.
8.1
Watchdog Timer Register (WDT)
Table 4
Watchdog Timer Register (SFR address FFH)
Table 5
Description of the T3 bits
76543210
D7
D6
D5
D4
D3
D2
D1
D0
BIT
SYMBOL
DESCRIPTION
7 to 0
D7 to D0
Watchdog Timer reload value. These 8 bits determine the timer interval. If WDT holds
FFH the timer interval is 2 ms. If WDT holds 00H the timer interval is 512 ms.
handbook, full pagewidth
MGL298
INTERNAL BUS
1/12 fosc
PRESCALER
11-BIT
WDT REGISTER
(8-BIT)
LOAD
CLEAR
LOADEN
write T3
LOADEN
PCON.4
PCON.0
CLEAR
WLE
IDL
internal reset
INTERNAL BUS
RESET
RRESET
Fig.4 Watchdog Timer block diagram.


Similar Part No. - P87C770AAR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C748EBAA PHILIPS-P87C748EBAA Datasheet
131Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
P87C748EBAA PHILIPS-P87C748EBAA Datasheet
147Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
P87C748EBDDB PHILIPS-P87C748EBDDB Datasheet
131Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
P87C748EBDDB PHILIPS-P87C748EBDDB Datasheet
147Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
P87C748EBPN PHILIPS-P87C748EBPN Datasheet
131Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
More results

Similar Description - P87C770AAR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P8XCX66 PHILIPS-P8XCX66 Datasheet
383Kb / 92P
   80C51 8-bit CPU
1999 Mar 10
P8XCE560 PHILIPS-P8XCE560 Datasheet
442Kb / 84P
   80C51 Central Processing Unit (CPU)
1997 Aug 01
logo
Alliance Semiconductor ...
AS6C1616-TFBGA ALSC-AS6C1616-TFBGA Datasheet
1Mb / 11P
   Fully static operation
AS7C164A ALSC-AS7C164A Datasheet
459Kb / 10P
   Fully static operation
AS7C316096B ALSC-AS7C316096B Datasheet
823Kb / 12P
   Fully static operation
AS6C8016 ALSC-AS6C8016 Datasheet
738Kb / 12P
   Fully static operation
AS7C316096A ALSC-AS7C316096A Datasheet
368Kb / 11P
   Fully static operation
AS6C1608 ALSC-AS6C1608 Datasheet
1Mb / 13P
   Fully static operation
AS6C1016 ALSC-AS6C1016 Datasheet
449Kb / 13P
   Fully static operation
AS6C4008A ALSC-AS6C4008A Datasheet
761Kb / 16P
   Fully static operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com