Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87C51RB2FN Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P87C51RB2FN
Description  80C51 Central Processing Unit
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C51RB2FN Datasheet(HTML) 3 Page - NXP Semiconductors

  P87C51RB2FN Datasheet HTML 1Page - NXP Semiconductors P87C51RB2FN Datasheet HTML 2Page - NXP Semiconductors P87C51RB2FN Datasheet HTML 3Page - NXP Semiconductors P87C51RB2FN Datasheet HTML 4Page - NXP Semiconductors P87C51RB2FN Datasheet HTML 5Page - NXP Semiconductors P87C51RB2FN Datasheet HTML 6Page - NXP Semiconductors P87C51RB2FN Datasheet HTML 7Page - NXP Semiconductors P87C51RB2FN Datasheet HTML 8Page - NXP Semiconductors P87C51RB2FN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
Philips Semiconductors
Product data
P87C51RA2/RB2/RC2/RD2
80C51 8-bit microcontroller family 8KB/16KB/32KB/64KB OTP
with 512B/1KB RAM, low voltage (2.7 to 5.5 V), low power, high
speed (30/33 MHz)
2003 Jan 24
3
SELECTION TABLE
Type
Memory
Timers
Serial
Interfaces
Max.
Freq.
at 6-clk
/ 12-clk
(MHz)
Freq.
Range
at
3V
(MHz)
Freq.
Range
at
5V
(MHz)
P87C51RD2
1K
64K
4
32
7(2)/4
12-clk
6-clk
H
30/33
0-16
0-30/33
P87C51RC2
512B
32K
4
32
7(2)/4
12-clk
6-clk
H
30/33
0-16
0-30/33
P87C51RB2
512B
16K
4
32
7(2)/4
12-clk
6-clk
H
30/33
0-16
0-30/33
P87C51RA2
512B
8K
4
32
7(2)/4
12-clk
6-clk
H
30/33
0-16
0-30/33
ORDERING INFORMATION
PHILIPS
(EXCEPT NORTH AMERICA)
MEMORY
TEMPERATURE RANGE
(
°C)
VOLTAGE RANGE
DWG #
()
PART ORDER NUMBER
PART MARKING
OTP
RAM
(
°C)
AND PACKAGE
VOLTAGE RANGE
DWG #
P87C51RA2BA
8 KB
512B
0 to +70, PLCC
2.7 to 5.5 V
SOT187-2
P87C51RA2FA
8 KB
512B
–40 to +85, PLCC
2.7 to 5.5 V
SOT187-2
P87C51RA2BBD
8 KB
512B
0 to +70, LQFP
2.7 to 5.5 V
SOT389-1
P87C51RB2BA
16 KB
512B
0 to +70, PLCC
2.7 to 5.5 V
SOT187-2
P87C51RB2FA
16 KB
512B
–40 to +85, PLCC
2.7 to 5.5 V
SOT187-2
P87C51RB2BBD
16 KB
512B
0 to +70, LQFP
2.7 to 5.5 V
SOT389-1
P87C51RB2BN
16 KB
512B
0 to +70, DIP40
2.7 to 5.5 V
SOT129-1
P87C51RB2FN
16 KB
512B
–40 to +85, DIP40
2.7 to 5.5 V
SOT129-1
P87C51RC2BA
32 KB
512B
0 to +70, PLCC
2.7 to 5.5 V
SOT187-2
P87C51RC2FA
32 KB
512B
–40 to +85, PLCC
2.7 to 5.5 V
SOT187-2
P87C51RC2BBD
32 KB
512B
0 to +70, LQFP
2.7 to 5.5 V
SOT389-1
P87C51RC2BN
32 KB
512B
0 to +70, DIP40
2.7 to 5.5 V
SOT129-1
P87C51RC2FN
32 KB
512B
–40 to +85, DIP40
2.7 to 5.5 V
SOT129-1
P87C51RD2BA
64 KB
1 KB
0 to +70, PLCC
2.7 to 5.5 V
SOT187-2
P87C51RD2FA
64 KB
1 KB
–40 to +85, PLCC
2.7 to 5.5 V
SOT187-2
P87C51RD2BBD
64 KB
1 KB
0 to +70, LQFP
2.7 to 5.5 V
SOT389-1
P87C51RD2FBD
64 KB
1 KB
–40 to +85, LQFP
2.7 to 5.5 V
SOT389-1
P87C51RD2BN
64 KB
1 KB
0 to +70, DIP40
2.7 to 5.5 V
SOT129-1


Similar Part No. - P87C51RB2FN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C51RB+4A PHILIPS-P87C51RB+4A Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
P87C51RB+4A PHILIPS-P87C51RB+4A Datasheet
348Kb / 55P
   8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
P87C51RB+4B PHILIPS-P87C51RB+4B Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
P87C51RB+4B PHILIPS-P87C51RB+4B Datasheet
348Kb / 55P
   8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
P87C51RB+4N PHILIPS-P87C51RB+4N Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
More results

Similar Description - P87C51RB2FN

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG87FX52YE MEGAWIN-MG87FX52YE Datasheet
1Mb / 48P
   80C51 Central Processing Unit
logo
NXP Semiconductors
P89C51RC PHILIPS-P89C51RC Datasheet
287Kb / 50P
   80C51 Central Processing Unit
1999 Oct 27
P8XCE560 PHILIPS-P8XCE560 Datasheet
442Kb / 84P
   80C51 Central Processing Unit (CPU)
1997 Aug 01
logo
Zilog, Inc.
Z84C0010PEC ZILOG-Z84C0010PEC Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
Z8400 ZILOG-Z8400 Datasheet
1,003Kb / 35P
   CENTRAL PROCESSING UNIT
Z84C0006VEG ZILOG-Z84C0006VEG Datasheet
1Mb / 36P
   Central Processing Unit
Z84C0006PEG ZILOG-Z84C0006PEG Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
Z84C0008VEC ZILOG-Z84C0008VEC Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
logo
STMicroelectronics
Z8001SEGCPU STMICROELECTRONICS-Z8001SEGCPU Datasheet
4Mb / 82P
   CENTRAL PROCESSING UNIT
logo
Zilog, Inc.
Z84C0010FEC ZILOG-Z84C0010FEC Datasheet
1Mb / 36P
   Central Processing Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com