Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KV1720S Datasheet(PDF) 2 Page - TOKO, Inc

Part # KV1720S
Description  VARIABLE CAPACITANCE DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

KV1720S Datasheet(HTML) 2 Page - TOKO, Inc

  KV1720S Datasheet HTML 1Page - TOKO, Inc KV1720S Datasheet HTML 2Page - TOKO, Inc KV1720S Datasheet HTML 3Page - TOKO, Inc KV1720S Datasheet HTML 4Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
October 2000 TOKO, Inc.
KV1720S
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
V
V
E
R
e
g
a
t
l
o
V
e
s
r
e
v
e
RI
V
E
R
A
µ
0
1
=2
1V
I
V
E
R
t
n
e
r
r
u
C
e
s
r
e
v
e
RV
V
E
R
V
0
1
=0
1A
n
C
2
2
e
c
n
a
t
i
c
a
p
a
C
e
d
o
i
DV
V
E
R
z
H
M
1
=
f
,
V
0
.
2
=7
1
.
1
48
4
.
6
4F
p
C
8
8
e
c
n
a
t
i
c
a
p
a
C
e
d
o
i
DV
V
E
R
z
H
M
1
=
f
,
V
0
.
8
=0
0
.
6
14
3
.
1
2F
p
R
S
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
SV
V
E
R
z
H
M
0
0
1
=
f
,
V
0
.
1
=3
.
0
Ao
i
t
a
R
e
c
n
a
t
i
c
a
p
a
CC
2
C
/
8
0
0
.
20
6
.
2
ELECTRICAL CHARACTERISTICS
Test conditions: T
A = 25 °C
Note 1: Diode Capacitance measured with HP 4279A or equivalent instruments (at OSC level 20 mVrms, ± 5 mVrms).
Note 2: Series Resistance measured with HP 4291B or equivalent instruments.
Note 3: The tolerance of two adjacent parts on a reel is within 3% at C2, C5, and C8.
Note 4: The value of capacitance is the average of 2 back to back type diodes.
ABSOLUTE MAXIMUM RATINGS
Storage Temperature Range .................... -55 to +150 °C
Operating Temperature Range .................. -55 to +85 °C
Lead Soldering Temperature (10 s) ...................... 235 °C
Reverse Voltage ........................................................ 18V
Forward Current .................................................... 50 mA
Power Dissipation ............................................... 100 mW


Similar Part No. - KV1720S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
KV1701 MICROSEMI-KV1701 Datasheet
129Kb / 3P
   VARACTOR DIODES HF/VHF Super Hyperabrupt Junction TM
More results

Similar Description - KV1720S

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDV708Q AUK-SDV708Q_1 Datasheet
174Kb / 3P
   Variable Capacitance Diode
logo
TOKO, Inc
KV1360NT TOKO-KV1360NT Datasheet
45Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1560NT TOKO-KV1560NT Datasheet
45Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1430 TOKO-KV1430 Datasheet
35Kb / 4P
   VARIABLE CAPACITANCE DIODE
logo
Sony Corporation
1T399 SONY-1T399 Datasheet
46Kb / 4P
   Variable Capacitance Diode
logo
Toshiba Semiconductor
1SV162 TOSHIBA-1SV162 Datasheet
34Kb / 1P
   VARIABLE CAPACITANCE DIODE
logo
TOKO, Inc
KV1440 TOKO-KV1440 Datasheet
35Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1471K TOKO-KV1471K Datasheet
23Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1812K TOKO-KV1812K Datasheet
23Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1832C TOKO-KV1832C Datasheet
26Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1832K TOKO-KV1832K Datasheet
23Kb / 4P
   VARIABLE CAPACITANCE DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com