Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2205LY Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2205LY
Description  POWER MONITORING AND SWITCHING CONTROLLER FOR 3.3V SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2205LY Datasheet(HTML) 5 Page - Texas Instruments

  BQ2205LY Datasheet HTML 1Page - Texas Instruments BQ2205LY Datasheet HTML 2Page - Texas Instruments BQ2205LY Datasheet HTML 3Page - Texas Instruments BQ2205LY Datasheet HTML 4Page - Texas Instruments BQ2205LY Datasheet HTML 5Page - Texas Instruments BQ2205LY Datasheet HTML 6Page - Texas Instruments BQ2205LY Datasheet HTML 7Page - Texas Instruments BQ2205LY Datasheet HTML 8Page - Texas Instruments BQ2205LY Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
bq2205LY
SLUS581 − FEBRUARY 2004
5
www.ti.com
TERMINAL FUNCTIONS
NAME
TERMINAL
I/O
DESCRIPTION
NAME
bq2205LY
I/O
DESCRIPTION
A
1
I
SRAM bank select input
BCP
9
I
Backup supply input
BW
15
O
Battery warning output (open-drain)
CE
11
I
Chip enable input (active low)
CECON1
10
O
Conditioned chip enable output 1
CECON2
14
O
Conditioned chip enable output 2
N/C
2, 3, 6, 7
No connect. These pins must be left floating.
RST
16
O
Power-up reset to system CPU output (open-drain)
VCC
12
I
Main supply input
VOUT
13
O
SRAM supply output
VSS
4, 5, 8
Ground input
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
N/C
N/C
VSS
VSS
N/C
N/C
VSS
RST
BW
CECON2
VOUT
VCC
CE
CECON1
BCP
PW PACKAGE
(TOP VIEW)
N/C no connection


Similar Part No. - BQ2205LY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2205LY TI-BQ2205LY Datasheet
548Kb / 14P
[Old version datasheet]   POWER MONITORING AND SWITCHING CONTROLLER
BQ2205LYPW TI1-BQ2205LYPW Datasheet
548Kb / 14P
[Old version datasheet]   POWER MONITORING AND SWITCHING CONTROLLER FOR 3.3-V SRAM
BQ2205LYPWG4 TI1-BQ2205LYPWG4 Datasheet
548Kb / 14P
[Old version datasheet]   POWER MONITORING AND SWITCHING CONTROLLER FOR 3.3-V SRAM
BQ2205LYPWR TI1-BQ2205LYPWR Datasheet
548Kb / 14P
[Old version datasheet]   POWER MONITORING AND SWITCHING CONTROLLER FOR 3.3-V SRAM
BQ2205LYPWRG4 TI1-BQ2205LYPWRG4 Datasheet
548Kb / 14P
[Old version datasheet]   POWER MONITORING AND SWITCHING CONTROLLER FOR 3.3-V SRAM
More results

Similar Description - BQ2205LY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2205LYPWR TI1-BQ2205LYPWR Datasheet
548Kb / 14P
[Old version datasheet]   POWER MONITORING AND SWITCHING CONTROLLER FOR 3.3-V SRAM
BQ2205LY TI-BQ2205LY Datasheet
548Kb / 14P
[Old version datasheet]   POWER MONITORING AND SWITCHING CONTROLLER
logo
Advanced Monolithic Sys...
AMS811 AMS-AMS811 Datasheet
312Kb / 8P
   Precision Monitoring of 3V, 3.3V, and 5V Power-Supply Voltages
logo
Lattice Semiconductor
POWR6AT6 LATTICE-POWR6AT6 Datasheet
919Kb / 34P
   In-System Programmable Power Supply Monitoring and Margining Controller
ISPPAC-POWR1220AT8 LATTICE-ISPPAC-POWR1220AT8 Datasheet
1Mb / 54P
   In-System Programmable Power Supply Monitoring, Sequencing and Margining Controller
logo
Analog Devices
ADM1276 AD-ADM1276 Datasheet
628Kb / 48P
   Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
REV. 0
logo
Linear Technology
LTC1649 LINER-LTC1649_1 Datasheet
218Kb / 16P
   3.3V Input High Power Step-Down Switching Regulator Controller
LTC1649 LINER-LTC1649_15 Datasheet
224Kb / 16P
   3.3V Input High Power Step-Down Switching Regulator Controller
LTC1649 LINER-LTC1649 Datasheet
201Kb / 16P
   3.3V Input High Power Step-Down Switching Regulator Controller
logo
Alliance Semiconductor ...
AS7C31025C ALSC-AS7C31025C Datasheet
122Kb / 9P
   3.3V 128K X 8 CMOS SRAM (Center power and ground)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com