Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24L01AF-W Datasheet(PDF) 2 Page - Rohm

Part # BR24L01AF-W
Description  128횞8 bit electrically erasable PROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24L01AF-W Datasheet(HTML) 2 Page - Rohm

  BR24L01AF-W Datasheet HTML 1Page - Rohm BR24L01AF-W Datasheet HTML 2Page - Rohm BR24L01AF-W Datasheet HTML 3Page - Rohm BR24L01AF-W Datasheet HTML 4Page - Rohm BR24L01AF-W Datasheet HTML 5Page - Rohm BR24L01AF-W Datasheet HTML 6Page - Rohm BR24L01AF-W Datasheet HTML 7Page - Rohm BR24L01AF-W Datasheet HTML 8Page - Rohm BR24L01AF-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
BR24L01A-W / BR24L01AF-W / BR24L01AFJ-W /
Memory ICs
BR24L01AFV-W / BR24L01AFVM-W
2/25
Recommended operating conditions
Parameter
Symbol
Limits
Unit
Supply voltage
V
Input voltage
VIN
V
VCC
0 to VCC
1.8 to 5.5
DC operating characteristics (Unless otherwise specified Ta=
−40 to 85°C, VCC=1.8 to 5.5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VIH1
−−
V
VIL1
−−
0.3VCC
V
VOL2
−−
0.2
V
Input leakage current
ILI
1
µA
VIN
=0V to VCC
Output leakage current
ILO
−1
−1
1
µA
Operating current
ICC2
0.5
mA
Standby current
ISB
ICC1
2.0
mA
2.0
µA
0.7VCC
2.5V
≤VCC≤5.5V
2.5V
≤VCC≤5.5V
IOL
=0.7mA, 1.8V≤VCC≤5.5V, (SDA)
VCC
=5.5V, fSCL=400kHz
Random Read, Current Read,
Sequential Read
VOUT
=0V to VCC
"HIGH" input volatge 1
"LOW" input volatge 1
VIH2
−−
V
VIL2
−−
0.2VCC
V
0.8VCC
1.8V
≤VCC≤2.5V
1.8V
≤VCC≤2.5V
"HIGH" input volatge 2
"LOW" input volatge 2
VOL1
−−
0.4
V
IOL
=3.0mA, 2.5V≤VCC≤5.5V, (SDA)
"LOW" output volatge 2
"LOW" output volatge 1
VCC
=5.5V, SDA·SCL=VCC,
A0, A1, A2=GND, WP=GND
VCC
=5.5V, fSCL=400kHz, tWR=5ms,
Byte Write, Page Write
This product is not designed for protection against radioactive rays.


Similar Part No. - BR24L01AF-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24L01AF-W ROHM-BR24L01AF-W Datasheet
315Kb / 6P
   I2C BUS 1Kbit (128 x 8bit) EEPROM
BR24L01AF-WE2 ROHM-BR24L01AF-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
More results

Similar Description - BR24L01AF-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24L32 ROHM-BR24L32 Datasheet
443Kb / 26P
   4k횞8 bit electrically erasable PROM
BR24L16 ROHM-BR24L16 Datasheet
390Kb / 26P
   2k횞8 bit electrically erasable PROM
BR24L02 ROHM-BR24L02 Datasheet
391Kb / 26P
   256x8 bit electrically erasable PROM
BR24L02-W ROHM-BR24L02-W Datasheet
390Kb / 26P
   256횞8 bit electrically erasable PROM
BR34L02FV-W ROHM-BR34L02FV-W Datasheet
529Kb / 25P
   256짰 bit Electrically Erasable PROM
BR24L08-W ROHM-BR24L08-W Datasheet
388Kb / 25P
   1024횞8 bit electrically erasable PROM
BR24L08-W ROHM-BR24L08-W_07 Datasheet
397Kb / 26P
   1024횞8 bit electrically erasable PROM
BR24L64-W ROHM-BR24L64-W_1 Datasheet
436Kb / 26P
   8k횞8 bit electrically erasable PROM
BR24L04-W ROHM-BR24L04-W Datasheet
388Kb / 25P
   512횞8 bit electrically erasable PROM
logo
Xicor Inc.
X2402PI XICOR-X2402PI Datasheet
327Kb / 10P
   Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com