Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IF183C151C-25 Datasheet(PDF) 9 Page - TEMIC Semiconductors

Part # IF183C151C-25
Description  CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

IF183C151C-25 Datasheet(HTML) 9 Page - TEMIC Semiconductors

Back Button IF183C151C-25 Datasheet HTML 5Page - TEMIC Semiconductors IF183C151C-25 Datasheet HTML 6Page - TEMIC Semiconductors IF183C151C-25 Datasheet HTML 7Page - TEMIC Semiconductors IF183C151C-25 Datasheet HTML 8Page - TEMIC Semiconductors IF183C151C-25 Datasheet HTML 9Page - TEMIC Semiconductors IF183C151C-25 Datasheet HTML 10Page - TEMIC Semiconductors IF183C151C-25 Datasheet HTML 11Page - TEMIC Semiconductors IF183C151C-25 Datasheet HTML 12Page - TEMIC Semiconductors IF183C151C-25 Datasheet HTML 13Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
80C154/83C154
Rev.F (14 Jan. 97)
9
MATRA MHS
(MSB)
(LSB)
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
The baud rate generator mode is selected by : RCLK = 1 and/or TCLK = 1.
Symbol
Position
Name and Significance
TF2
T2CON.7
Timer 2 overflow flag set by a Timer 2 overflow and must be cleared by software. TF2
will not be set when either RCLK = 1 OR TCLK = 1.
EXF2
T2CON.6
Timer 2 external flag set when either a capture or reload is caused by a negative
transition on T2EX and EXEN2 = 1. When Timer 2 interrupt is enabled, EXF2 = 1 will
cause the CPU to vector to the Timer 2 interrupt routine. EXF2 must be cleared by
software.
RCLK
T2CON.5
Receive clock flag. When set, causes the serial port to use Timer2 overflow pulses for its
receive clock in modes 1 and 3. RCLK = 0 causes Timer 1 overflow to be used for the
receive clock.
TCLK
T2CON.4
Transmit clock flag. When set, causes the serial port to use Timer 2 overflow pulses for
its transmit clock in modes 1 and 3. TCLK = 0 causes Timer 1 overflows to be used for
the transmit clock.
EXEN2
T2CON.3
Timer 2 external enable flag. When set, allows capture or reload to occur as a result of a
negative transition on T2EX if Timer 2 is not being used to clock the serial port.
EXEN2 = 0 causes Timer 2 to ignore events at T2EX.
TR2
T2CON.2
Start/stop control for Timer 2. A logic 1 starts the timer.
C/T2
T2CON.1
Timer or counter select. (Timer 2) 0 = Internal timer (OSC/12)
1 = External event counter (falling edge triggered).
CP/RL2
T2CON.0
Capture/Reload flag. When set, captures will occur on negative transitions at T2EX if
EXEN 2 = 1. When cleared, auto reloads will occur either with Timer 2 overflows or
negative transition at T2EX when EXEN2 = 1. When either RCLK = 1 or TCLK = 1, this
bit is ignored and the timer is forced to auto-reload on Timer 2 overflow.
Timer Functions
In fact, timer 0 & 1 can be connected by a software
instruction to implement a 32 bit timer function. Timer 0
(mode 3) or timer 1 (mode 0, 1, 2) or a 32 bit timer
consisting of timer 0 + timer 1 can be employed in the
watchdog mode, in which case a CPU reset is generated
upon a TF1 flag.
The internal pull-up resistances at ports 1~3 can be set to
a ten times increased value simply by software.
32 Bit Mode and Watching Mode
The 83C154 has two supplementary modes. They are
accessed by bits WDT and T32 of register IOCON. Figure
10 showns how IOCON must be programmed in order to
have access to these functions
Figure 9.
32 bit timer [IOCON bit 6 (T32) = 1]
Watchdog timer


Similar Part No. - IF183C151C-25

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
IF1800 LSTD-IF1800 Datasheet
1Mb / 1P
   1800 MHz MicroSphere Antenna
IF1800-SF00 LSTD-IF1800-SF00 Datasheet
1Mb / 1P
   1800 MHz MicroSphere Antenna
logo
InterFET Corporation
IF1801 INTERFET-IF1801 Datasheet
91Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
More results

Similar Description - IF183C151C-25

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
P80C32 TEMIC-P80C32 Datasheet
221Kb / 20P
   CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com