Electronic Components Datasheet Search |
|
LC171W03-A4 Datasheet(PDF) 6 Page - NXP Semiconductors |
|
LC171W03-A4 Datasheet(HTML) 6 Page - NXP Semiconductors |
6 / 28 page Product Specification 6/ 28 LC171W03 Liquid Crystal Display Ver. 0.0 Jan.10, 2002 3. Electrical Specifications 3-1. Electrical Characteristics It requires two power inputs. One is employed to power the LCD electronics and to drive the TFT array and liquid crystal. The second input power for the CCFL /Backlight, is typically generated by an inverter. The inverter is an external unit to the LCDs. Table 2_1. ELECTRICAL CHARACTERISTICS Note : 1. The specified current and power consumption are under the V LCD=12.0V, 25 ± 2°C,fV=60Hz condition whereas mosaic pattern(8 x 6) is displayed and f V is the frame frequency. 2. The current is specified at the maximum current pattern below. 3. The duration of rush current is about 2ms and rising time of power Input is 1ms(min.). 2 mA 316 275 - 1 Watt 2.48 2.16 - PLCD Power Consumption 3 A 3.0 - - IRUSH Rush current Vdc 12.6 12.0 11.4 VLCD Power Supply Input Voltage 1 mA 207 180 - ILCD Power Supply Input Current MODULE : Parameter Symbol Max Typ Min Notes Unit Values Mosaic Pattern(8 x 6) White : 255Gray Black : 0Gray Sub 1 line vertical pattern ( Maximum current pattern ) RG B R G B RG B R G B (0)(255)(0)(255)(0)(255)(0)(255)(0)(255)(0)(255) |
Similar Part No. - LC171W03-A4 |
|
Similar Description - LC171W03-A4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |