Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC171W03-A4 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LC171W03-A4
Description  SPECIFICATION FOR APPROVAL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LC171W03-A4 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LC171W03-A4 Datasheet HTML 5Page - NXP Semiconductors LC171W03-A4 Datasheet HTML 6Page - NXP Semiconductors LC171W03-A4 Datasheet HTML 7Page - NXP Semiconductors LC171W03-A4 Datasheet HTML 8Page - NXP Semiconductors LC171W03-A4 Datasheet HTML 9Page - NXP Semiconductors LC171W03-A4 Datasheet HTML 10Page - NXP Semiconductors LC171W03-A4 Datasheet HTML 11Page - NXP Semiconductors LC171W03-A4 Datasheet HTML 12Page - NXP Semiconductors LC171W03-A4 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Product Specification
9/ 28
LC171W03
Liquid Crystal Display
Ver. 0.0
Jan.10, 2002
3-2. Interface Connections
Table 3. MODULE CONNECTOR(CN1) PIN CONFIGURATION
LCD Connector(CN1): GT123-20P-H16 (Manufactured by LG) or Equivalent
Mating Connector : DF14-20S-1.25C (Manufactured by Hirose) or Equivalent
Note: 1. 20th Pin should be ground.
2. All GND(ground) pins should be connected together and to Vss which should also be connected to
the LCD’s metal frame.
3. All VLCD (power input) pins should be connected together.
PIN#37
Positive
LVDS Receiver Signal(+)
RXIN3+
18
Ground
GND
19
Note 1
Ground
GND
20
Power Supply +12.0V
VLCD
2
Power Ground.
GND
3
Power Ground
GND
4
PIN#48
Negative
LVDS Receiver Signal(-)
RXIN0-
5
PIN#47
Positive
LVDS Receiver Signal(+)
RXIN0+
6
Ground
GND
7
PIN#46
Negative
LVDS Receiver Signal(-)
RXIN1-
8
PIN#45
Positive
LVDS Receiver Signal(+)
RXIN1+
9
Ground
GND
10
PIN#42
Negative
LVDS Receiver Signal(-)
RXIN2-
11
PIN#41
Positive
LVDS Receiver Signal(+)
RXIN2+
12
Ground
GND
13
PIN#40
Negative
LVDS Receiver Clock Signal(-)
RXCLK IN-
14
PIN#39
Positive
LVDS Receiver Clock Signal(+)
RXCLK IN+
15
Ground
GND
16
PIN#38
Negative
LVDS Receiver Signal(-)
RXIN3-
17
Output Pin #
(LVDS Tx)
Polarity
Description
Symbol
Pin No
VLCD
Power Supply +12.0V
1
20
1
Rear view of LCM
GT123-20P-H16(LG)


Similar Part No. - LC171W03-A4

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC171 SEOUL-LC171 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC171 SEOUL-LC171 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC171 SEOUL-LC171 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC171 SEOUL-LC171 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC171 SEOUL-LC171 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LC171W03-A4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEI100505-6N8J XFMRS-XFEI100505-6N8J Datasheet
23Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
03SB3SM DELTA-03SB3SM Datasheet
136Kb / 2P
   SPECIFICATION FOR APPROVAL
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB201209-300-3A XFMRS-XFEB201209-300-3A Datasheet
27Kb / 1P
   SPECIFICATION FOR APPROVAL
XFEB321608-601-4 XFMRS-XFEB321608-601-4 Datasheet
103Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
   SPECIFICATION FOR APPROVAL
KPEG110 ETC2-KPEG110 Datasheet
146Kb / 5P
   SPECIFICATION FOR APPROVAL
A2175-HBL ETC2-A2175-HBL Datasheet
80Kb / 8P
   SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com