Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq294705 Datasheet(PDF) 7 Page - Texas Instruments

Part # bq294705
Description  Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq294705 Datasheet(HTML) 7 Page - Texas Instruments

Back Button bq294705 Datasheet HTML 3Page - Texas Instruments bq294705 Datasheet HTML 4Page - Texas Instruments bq294705 Datasheet HTML 5Page - Texas Instruments bq294705 Datasheet HTML 6Page - Texas Instruments bq294705 Datasheet HTML 7Page - Texas Instruments bq294705 Datasheet HTML 8Page - Texas Instruments bq294705 Datasheet HTML 9Page - Texas Instruments bq294705 Datasheet HTML 10Page - Texas Instruments bq294705 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7
bq2947
www.ti.com
SLUSB15F – SEPTEMBER 2012 – REVISED JANUARY 2017
Product Folder Links: bq2947
Submit Documentation Feedback
Copyright © 2012–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Typical values stated where TA = 25°C and VDD = 14.4 V, MIN/MAX values stated where TA = –40°C to +110°C and VDD = 3
V to 20 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT DRIVE OUT, CMOS ACTIVE HIGH VERSIONS ONLY
VOUT
Output Drive Voltage,
Active High
(V4–V3), (V3–V2), (V2–V1), or (V1–VSS) > VOV,
VDD = 14.4 V, IOH = 100 µA
6
V
If three of four cells are short circuited, only one
cell remains powered and > VOV, VDD = Vx (cell
voltage), IOH = 100 µA
VDD – 0.3
V
(V4–V3), (V3–V2), (V2–V1), and (V1–VSS) < VOV,
VDD = 14.4 V, IOL = 100 µA measured into OUT
pin.
250
400
mV
IOUTH
OUT Source Current
(during OV)
(V4–V3), (V3–V2), (V2–V1), or (V1–VSS) > VOV,
VDD = 14.4 V,
OUT = 0 V, measured out of OUT pin.
4.5
mA
IOUTL
OUT Sink Current (no
OV)
(V4–V3), (V3–V2), (V2–V1), and (V1–VSS) < VOV,
VDD = 14.4 V,
OUT = VDD, measured into OUT pin .Pull resistor
RPU = 5 kΩ to VDD = 14.4 V
0.5
14
mA
OUTPUT DRIVE OUT, CMOS OPEN DRAIN ACTIVE LOW VERSIONS ONLY
VOUT
Output Drive Voltage,
Active High
(V4–V3), (V3–V2), (V2–V1), and (V1–VSS) < VOV,
VDD = 14.4 V, IOL = 100 µA measured into OUT
pin.
250
400
mV
IOUTL
OUT Sink Current (no
OV)
(V4–V3), (V3–V2), (V2–V1), and (V1–VSS) < VOV,
VDD = 14.4 V,
OUT = VDD, measured into OUT pin. Pull resistor
RPU = 5 kΩ to VDD = 14.4 V
0.5
14
mA
IOUTLK
OUT pin leakage
(V4–V3), (V3–V2), (V2–V1), and (V1–VSS) < VOV,
VDD = 14.4 V,
OUT = VDD, measured into OUT pin.
100
nA
DELAY TIMER
tCD
OV Delay Time
CCD = 0.1 µF (see Equation 1)
1
1.5
2
s
tCD_GND
OV Delay Time with CD
pin = 0 V
Delay due to CCD capacitor shorted to ground for
Customer Test Mode
20
170
ms


Similar Part No. - bq294705

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294705 TI-BQ294705 Datasheet
931Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294705 TI1-BQ294705 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294705 TI-BQ294705 Datasheet
2Mb / 28P
[Old version datasheet]   BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294705DSGR TI-BQ294705DSGR Datasheet
931Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294705DSGR TI1-BQ294705DSGR Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
More results

Similar Description - bq294705

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771604 TI1-BQ771604 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600 TI-BQ771600 Datasheet
717Kb / 17P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294700 TI-BQ294700 Datasheet
931Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI-BQ2947 Datasheet
2Mb / 28P
[Old version datasheet]   BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771808 TI1-BQ771808 Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800 TI-BQ771800 Datasheet
748Kb / 16P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com