Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK04610RTQT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMK04610RTQT
Description  Ultra-Low Noise and Low Power JESD204B Compliant Clock Jitter Cleaner With Dual Loop PLLs
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK04610RTQT Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMK04610RTQT Datasheet HTML 6Page - Texas Instruments LMK04610RTQT Datasheet HTML 7Page - Texas Instruments LMK04610RTQT Datasheet HTML 8Page - Texas Instruments LMK04610RTQT Datasheet HTML 9Page - Texas Instruments LMK04610RTQT Datasheet HTML 10Page - Texas Instruments LMK04610RTQT Datasheet HTML 11Page - Texas Instruments LMK04610RTQT Datasheet HTML 12Page - Texas Instruments LMK04610RTQT Datasheet HTML 13Page - Texas Instruments LMK04610RTQT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 124 page
background image
10
LMK04610
SNAS699 – JANUARY 2017
www.ti.com
Product Folder Links: LMK04610
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
See test load description in Output Termination Scheme.
7.10 Clock Output Type Characteristics (CLKoutX)
(1)
3.135 V < VDD_PLL2OSC, VDD_PLL1, VDD_PLL2CORE, VDD_CORE < 3.465 V; 1.7 V < VDD_IO, VDD_OSC, VDDO_x <
3.465 V; –40°C < TA < 85°C and TPCB ≤ 105°C. Typical values at VDD_PLL2OSC, VDD_PLL1, VDD_PLL2CORE,
VDD_CORE = 3.3 V, VDD_IO, VDD_OSC, VDDOx = 1.8 V, TA = 25°C, at the Recommended Operating Conditions and are
not assured.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fCLKout
Output frequency
4-mA HSDS
1000
MHz
6-mA HSDS
1500
MHz
8-mA HSDS
2000
MHz
16-mA HCSL
1500
MHz
ODC
Output duty cycle
4-mA HSDS
45%
50%
55%
6-mA HSDS
45%
50%
55%
8-mA HSDS
45%
50%
55%
8-mA HSDS, >1.5 GHz
40%
60%
16-mA HCSL
45%
50%
55%
TR
Output rise time
245.76 MHz, 20%
to 80%,
RL = 100 Ω
4-mA HSDS
148
ps
6-mA HSDS
164
ps
8-mA HSDS
148
ps
16-mA HCSL
73
ps
T F
Output fall time
245.76 MHz, 80%
to 20%,
RL = 100 Ω
4-mA HSDS
149
ps
6-mA HSDS
163
ps
8-mA HSDS
146
ps
16-mA HCSL
74
ps
VOH
Output high voltage
4-mA HSDS
0.5
0.75
V
6-mA HSDS
0.72
1.06
V
8-mA HSDS
0.75
1.3
V
16-mA HSCL
0.75
1.04
V
VOL
Output low voltage
4-mA HSDS
0.1
0.18
V
6-mA HSDS
0.15
0.26
V
8-mA HSDS
0.17
0.31
V
16-mA HSCL
0.0
0.05
V
VOD
Differential output voltage
4-mA HSDS
958
mVpp
6-mA HSDS
1380
mVpp
8-mA HSDS
1544
mVpp
16-mA HSCL
1807
mVpp
ΔVOD
Change in VOD for complementary
output states
4-mA HSDS
–15
15
mVpp
6-mA HSDS
–20
20
mVpp
8-mA HSDS
–90
115
mVpp
16-mA HCSL
–15
15
mVpp


Similar Part No. - LMK04610RTQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04616 TI1-LMK04616 Datasheet
1Mb / 128P
[Old version datasheet]   Ultra-Low Noise and Low Power JESD204B Compliant Clock Jitter Cleaner With Dual Loop PLLs
LMK04616ZCRR TI1-LMK04616ZCRR Datasheet
1Mb / 128P
[Old version datasheet]   Ultra-Low Noise and Low Power JESD204B Compliant Clock Jitter Cleaner With Dual Loop PLLs
LMK04616ZCRT TI1-LMK04616ZCRT Datasheet
1Mb / 128P
[Old version datasheet]   Ultra-Low Noise and Low Power JESD204B Compliant Clock Jitter Cleaner With Dual Loop PLLs
More results

Similar Description - LMK04610RTQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04826B TI1-LMK04826B_14 Datasheet
2Mb / 104P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner with Dual Loop PLLs
LMK04616 TI1-LMK04616 Datasheet
1Mb / 128P
[Old version datasheet]   Ultra-Low Noise and Low Power JESD204B Compliant Clock Jitter Cleaner With Dual Loop PLLs
LMK04826B TI-LMK04826B Datasheet
2Mb / 101P
[Old version datasheet]   LMK0482xB Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner with Dual Loop PLLs
LMK04832 TI1-LMK04832 Datasheet
386Kb / 8P
[Old version datasheet]   LMK04832 Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner With Dual Loop PLLs
LMK04228 TI1-LMK04228 Datasheet
1Mb / 91P
[Old version datasheet]   LMK04228 Ultra-Low Noise, JESD204B-Compliant Clock Jitter Cleaner With Dual-Loop PLLs
LMK04208 TI1-LMK04208 Datasheet
1Mb / 138P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
logo
National Semiconductor ...
LMK04800 NSC-LMK04800_14 Datasheet
3Mb / 79P
   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
logo
Texas Instruments
LMK04816 TI1-LMK04816_14 Datasheet
2Mb / 77P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04800 TI1-LMK04800 Datasheet
985Kb / 91P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04906 TI1-LMK04906_14 Datasheet
1Mb / 71P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com