Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCP1803 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCP1803
Description  1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCP1803 Datasheet(HTML) 3 Page - Texas Instruments

  CDCP1803 Datasheet HTML 1Page - Texas Instruments CDCP1803 Datasheet HTML 2Page - Texas Instruments CDCP1803 Datasheet HTML 3Page - Texas Instruments CDCP1803 Datasheet HTML 4Page - Texas Instruments CDCP1803 Datasheet HTML 5Page - Texas Instruments CDCP1803 Datasheet HTML 6Page - Texas Instruments CDCP1803 Datasheet HTML 7Page - Texas Instruments CDCP1803 Datasheet HTML 8Page - Texas Instruments CDCP1803 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
CDCP1803
1:3 LVPECL CLOCK BUFFER
WITH PROGRAMMABLE DIVIDER
SCAS727B − NOVEMBER 2003 − REVISED FEBRUARY 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
NAME
NO.
I/O
DESCRIPTION
EN
1
I
(with 60-k
Ω pullup)
ENABLE: Enables or disables all outputs simultaneously.
EN=1: outputs on according to S0, S1, and S2 setting
EN=0: outputs Y[2:0] off (high impedance)
See Table 1 for details.
IN, IN
3, 4
I (differential)
Differential input clock: Input stage is sensitive and has a wide common-mode range.
Therefore, almost any type of differential signal can drive this input (LVPECL, LVDS, CML,
HSTL). Since the input is high impedance, it is recommended to terminate the PCB
transmission line before the input (e.g. with 100-
Ω across input). Input can also be driven by
single ended signal if the complementary input is tight to VBB. A more advanced scheme for
single-ended signal is given in the application section near the end of this document.
The inputs deploy an ESD structure protecting the inputs in case of an input voltage exceeding
the rails by more than ~0.7 V. Reverse biasing of the IC through these inputs is possible and
must be prevented by limiting the input voltage < VDD.
NC
12
No connect. Leave this pin open or tie to ground
S0, S1, S2
18, 19,
24
I
(with 60-k
Ω pullup)
Select mode of operation: Defines the output configuration of Y[2:0]. See Table 1 for
configuration.
Y[2:0],
Y[2:0]
9, 10,
15, 16,
21, 22
O (LVPECL)
LVPECL clock outputs: These outputs provide low-skew copies of IN pair or down divided
copies of clock IN based on selected mode of operation S[2:0]; If an output is unused, the
output can simply be left open to save power and minimize noise impact to the remaining
outputs.
VBB
6
O
Bias voltage output can be used to bias unused complementary input IN for single ended input
signals.
The output voltage of VBB is VDD − 1.3 V. When driving a load, the output current drive is limited
to about 1.5 mA.
VSS
7, 13
Supply
Device ground
VDDPECL
2, 5
Supply
Supply voltage PECL input + internal logic
VDD [0−2]
8, 11, 14,
17,20,
23
Supply
PECL output supply voltage for output Y[0−2]: Each output can be disabled by pulling the
corresponding VDDx to GND.
CAUTION: In this mode, no voltage from outside may be forced, because internal diodes could
be forced in forward direction; Thus, it is recommended to disconnect the output if it is not being
used.


Similar Part No. - CDCP1803

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCP1803-EP TI1-CDCP1803-EP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803MRGETEP TI1-CDCP1803MRGETEP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803RGER TI1-CDCP1803RGER Datasheet
932Kb / 25P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER
CDCP1803RGERG4 TI1-CDCP1803RGERG4 Datasheet
932Kb / 25P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER
CDCP1803RGET TI1-CDCP1803RGET Datasheet
932Kb / 25P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER
More results

Similar Description - CDCP1803

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCP1803-EP TI1-CDCP1803-EP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCM1804 TI-CDCM1804 Datasheet
589Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
CDCM1804 TI1-CDCM1804_17 Datasheet
623Kb / 27P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
CDCP1803 TI1-CDCP1803_13 Datasheet
932Kb / 25P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER
CDCM1802 TI-CDCM1802 Datasheet
695Kb / 22P
[Old version datasheet]   CLOCK BUFFER WITH PROGRAMMABLE DIVIDER, LVPECL I/O ADDITIONAL LVCMOS OUTPUT
CDCM1802 TI1-CDCM1802_15 Datasheet
1Mb / 30P
[Old version datasheet]   CDCM1802 Clock Buffer With Programmable Divider, LVPECL I/O Additional LVCMOS Output
logo
Motorola, Inc
MC100ES6226 MOTOROLA-MC100ES6226 Datasheet
282Kb / 12P
   2.5/3.3V Differential LVPECL 1:9 Clock Distribution Buffer and Clock Divider
logo
Micrel Semiconductor
SY89874U MICREL-SY89874U Datasheet
180Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89874U MICREL-SY89874U_07 Datasheet
111Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
logo
Integrated Device Techn...
8T73S208A-01 IDT-8T73S208A-01_16 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com