Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28379S Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS320F28379S
Description  Delfino Microcontrollers
Download  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28379S Datasheet(HTML) 4 Page - Texas Instruments

  TMS320F28379S_17 Datasheet HTML 1Page - Texas Instruments TMS320F28379S_17 Datasheet HTML 2Page - Texas Instruments TMS320F28379S_17 Datasheet HTML 3Page - Texas Instruments TMS320F28379S_17 Datasheet HTML 4Page - Texas Instruments TMS320F28379S_17 Datasheet HTML 5Page - Texas Instruments TMS320F28379S_17 Datasheet HTML 6Page - Texas Instruments TMS320F28379S_17 Datasheet HTML 7Page - Texas Instruments TMS320F28379S_17 Datasheet HTML 8Page - Texas Instruments TMS320F28379S_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 213 page
background image
16-/12-bit ADC
x4
ADC
Result
Regs
Peripheral Frame 1
GPIO MUX, Input X-BAR, Output X-BAR
Secure Memories
shown in Red
CPU1 Buses
Comparator
Subsystem
(CMPSS)
DAC
x3
Config
Data Bus
Bridge
ePWM-1/../12
eCAP-
1/../6
eQEP-1/2/3
HRPWM-1/../8
SDFM-1/2
SCI-
A/B/C/D
(16L FIFO)
I2C-A/B
(16L FIFO)
Data Bus Bridge
CAN-
A/B
(32-MBOX)
Data Bus
Bridge
Data Bus
Bridge
USB
Ctrl /
PHY
GPIO
Data Bus
Bridge
EMIF1
Data Bus
Bridge
EMIF2
Data Bus
Bridge
A
D
B
C
JTAG
AUXCLKIN
External Crystal or
Oscillator
Watchdog
Main PLL
Aux PLL
INTOSC1
INTOSC2
Low-Power
Mode Control
GPIO MUX
TRST
TCK
TDI
TMS
TDO
MEMCPU1
Global Shared
16x 4Kx16
GS0-GS15 RAMs
C28 CPU-1
CPU Timer 0
CPU Timer 1
CPU Timer 2
ePIE
(up to 192
interrupts)
WD Timer
NMI-WDT
CPU1.CLA1 Data ROM
(4Kx16)
CPU1.CLA1 to CPU1
128x16 MSG RAM
CPU1 to CPU1.CLA1
128x16 MSG RAM
Boot-ROM 32Kx16
Nonsecure
Secure-ROM 32Kx16
Secure
CPU1.M0 RAM 1Kx16
CPU1.M1 RAM 1Kx16
CPU1.D0 RAM 2Kx16
CPU1.D1 RAM 2Kx16
CPU1 Local Shared
6x 2Kx16
LS0-LS5 RAMs
CPU1.CLA1
CPU1.DMA
PSWD
Dual
Code
Security
Module
+
Emulation
Code
Security
Logic
(ECSL)
PUMP
Flash Bank 0
256K x 16
Secure
(F28377S, F23875S only)
256K x 16
Secure
Flash Bank 1
User-Configurable
DCSM
OTP
1K x 16
(F28377S, F28375S only)
Flash Wrapper for
Bank 1
Flash Wrapper for
Bank 0
FPU
VCU-II
TMU
Analog
MUX
A5:0
B5:0
C5:2
ADCIN14
ADCIN15
D5:0
Peripheral Frame 2
SPI-
A/B/C
(16L FIFO)
McBSP-A/B
uPP
RAM
Copyright © 2016, Texas Instruments Incorporated
4
TMS320F28379S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
SPRS881C – AUGUST 2014 – REVISED MAY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28379S TMS320F28377S TMS320F28376S TMS320F28375S TMS320F28374S
Device Overview
Copyright © 2014–2016, Texas Instruments Incorporated
1.4
Functional Block Diagram
Figure 1-1 shows the CPU system and associated peripherals.
Figure 1-1. Functional Block Diagram


Similar Part No. - TMS320F28379S_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28379S TI1-TMS320F28379S_16 Datasheet
2Mb / 213P
[Old version datasheet]   Programmable Control Law Accelerator
TMS320F28379S TI1-TMS320F28379S_18 Datasheet
2Mb / 220P
[Old version datasheet]   Delfino Microcontrollers
More results

Similar Description - TMS320F28379S_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C28346 TI-TMS320C28346_11 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
TMS320C28346 TI-TMS320C28346 Datasheet
1Mb / 153P
[Old version datasheet]   Delfino Microcontrollers
TMS320C28346 TI-TMS320C28346_V01 Datasheet
2Mb / 173P
[Old version datasheet]   TMS320C2834x Delfino Microcontrollers
TMS320C28346 TI1-TMS320C28346_15 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
TMS320C28346 TI1-TMS320C28346_18 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
TMS320F28379S TI1-TMS320F28379S_18 Datasheet
2Mb / 220P
[Old version datasheet]   Delfino Microcontrollers
TMS320C28346 TI-TMS320C28346_V02 Datasheet
4Mb / 170P
[Old version datasheet]   TMS320C2834x Delfino Microcontrollers
TMS320F28379D TI1-TMS320F28379D Datasheet
2Mb / 212P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28379D TI1-TMS320F28379D_18 Datasheet
2Mb / 222P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP_18 Datasheet
2Mb / 206P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com