Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4701-EP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4701-EP
Description  36-V, 1-A, 4-uVRMS, RF LDO Voltage Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4701-EP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS7A4701-EP Datasheet HTML 5Page - Texas Instruments TPS7A4701-EP Datasheet HTML 6Page - Texas Instruments TPS7A4701-EP Datasheet HTML 7Page - Texas Instruments TPS7A4701-EP Datasheet HTML 8Page - Texas Instruments TPS7A4701-EP Datasheet HTML 9Page - Texas Instruments TPS7A4701-EP Datasheet HTML 10Page - Texas Instruments TPS7A4701-EP Datasheet HTML 11Page - Texas Instruments TPS7A4701-EP Datasheet HTML 12Page - Texas Instruments TPS7A4701-EP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
VOUT = 1.4 V
VOUT = 3.3 V
VOUT = 5 V
VOUT = 10 V
VOUT = 15 V
G017
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
VOUT = 1.4 V
VOUT = 3.3 V
VOUT = 5 V
VOUT = 10 V
VOUT = 15 V
G018
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
VDO = 200 mV
VDO = 300 mV
VDO = 500 mV
VDO = 1 V
G015
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
VDO = 200 mV
VDO = 300 mV
VDO = 500 mV
VDO = 1 V
G016
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
IOUT = 0 mA
IOUT = 50 mA
IOUT = 500 mA
IOUT = 1000 mA
G013
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
VDO = 200 mV
VDO = 300 mV
VDO = 500 mV
VDO = 1 V
G014
9
TPS7A4701-EP
www.ti.com
SLVSDQ3 – FEBRUARY 2017
Product Folder Links: TPS7A4701-EP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
At –55°C
≤ TJ ≤ 125°C; VI = VO(nom) + 1 V or VI = 3 V (whichever is greater); VEN = VI; IO = 0 mA; CIN = 10 µF; COUT = 10 µF;
CNR = 1 µF; SENSE/FB tied to OUT; and 0P1V, 0P2V, 0P4V, 0P8V, 1P6V, 3P2V, 6P4V1, 6P4V2 pins OPEN, unless
otherwise noted.
CNR = 1 µF
COUT = 50 µF
VIN = 3 V
VOUT = 1.4 V
Figure 13. Power-Supply Rejection Ratio vs IO
VOUT = 3.3 V
CNR = 1 µF
COUT = 50 µF
IOUT = 50 mA
Figure 14. Power-Supply Rejection Ratio vs Dropout
VOUT = 3.3 V
CNR = 1 µF
COUT = 50 µF
IOUT = 500 mA
Figure 15. Power-Supply Rejection Ratio vs Dropout
VOUT = 3.3 V
CNR = 1 µF
COUT = 50 µF
IOUT = 1 A
Figure 16. Power-Supply Rejection Ratio vs Dropout
CNR = 1 µF
COUT = 50 µF
IOUT = 500 mA
Figure 17. Power-Supply Rejection Ratio vs Output Voltage
CNR = 1 µF
COUT = 50 µF
IOUT = 1000 mA
Figure 18. Power-Supply Rejection Ratio vs Output Voltage


Similar Part No. - TPS7A4701-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4701 TI1-TPS7A4701 Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
TPS7A4701QRGWRQ1 TI1-TPS7A4701QRGWRQ1 Datasheet
633Kb / 25P
[Old version datasheet]   35-V, 1-A, 4.2-uVRMS, RF LDO Voltage Regulator
TPS7A4701QRGWTQ1 TI1-TPS7A4701QRGWTQ1 Datasheet
633Kb / 25P
[Old version datasheet]   35-V, 1-A, 4.2-uVRMS, RF LDO Voltage Regulator
TPS7A4701RGWR TI1-TPS7A4701RGWR Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
TPS7A4701RGWT TI1-TPS7A4701RGWT Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
More results

Similar Description - TPS7A4701-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A47-Q1 TI1-TPS7A47-Q1 Datasheet
633Kb / 25P
[Old version datasheet]   35-V, 1-A, 4.2-uVRMS, RF LDO Voltage Regulator
TPS7A4700 TI1-TPS7A4700_14 Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
TPS7A47_15 TI-TPS7A47_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS7A470x 36-V, 1-A, 4-關VRMS, RF LDO Voltage Regulator
TPS7A88-Q1 TI1-TPS7A88-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   Automotive, Dual, 1-A, Low-Noise (4 uVRMS) LDO Voltage Regulator
TPS7A4700 TI1-TPS7A4700 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A47 TI1-TPS7A47 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
logo
ON Semiconductor
NCV59800 ONSEMI-NCV59800 Datasheet
95Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
October, 2016 ??Rev. 0
NCP59800 ONSEMI-NCP59800_17 Datasheet
94Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
December, 2017 ??Rev. 2
logo
Texas Instruments
TPS7A85A TI1-TPS7A85A Datasheet
2Mb / 46P
[Old version datasheet]   4-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS), LDO Regulator
TPS7A83A TI1-TPS7A83A_18 Datasheet
3Mb / 49P
[Old version datasheet]   2-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS) LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com