Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA240A3EDRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA240A3EDRQ1
Description  Automotive, Wide Common-Mode Range, High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier With Enhanced PWM Rejection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA240A3EDRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA240A3EDRQ1 Datasheet HTML 4Page - Texas Instruments INA240A3EDRQ1 Datasheet HTML 5Page - Texas Instruments INA240A3EDRQ1 Datasheet HTML 6Page - Texas Instruments INA240A3EDRQ1 Datasheet HTML 7Page - Texas Instruments INA240A3EDRQ1 Datasheet HTML 8Page - Texas Instruments INA240A3EDRQ1 Datasheet HTML 9Page - Texas Instruments INA240A3EDRQ1 Datasheet HTML 10Page - Texas Instruments INA240A3EDRQ1 Datasheet HTML 11Page - Texas Instruments INA240A3EDRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Temperature (°C)
-50
-25
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
VS= 5-V
VS= 3.3-V
VS= 2.7-V
Frequency (Hz)
1
10
100
1k
10k
100k
1M
10
100
Common-Mode Voltage (V)
-10
0
10
20
30
40
50
60
70
80
90
-20
0
20
40
60
80
100
Temperature (°C)
-50
-25
0
25
50
75
100
125
150
50
55
60
65
70
75
80
85
90
95
100
Output Current (mA)
GND
GND + 1
GND + 2
GND + 3
VS - 2
VS - 1
VS
0
1
2
3
4
5
6
7
D010
25qC
125qC
-40qC
Common-Mode Voltage (V)
-10
0
10
20
30
40
50
60
70
80
90
-20
0
20
40
60
80
100
120
8
INA240-Q1
SBOS808A – AUGUST 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: INA240-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, VCM = 12 V, and VREF = VS / 2 (unless otherwise noted)
Figure 13. Output Voltage Swing vs Output Current
VS = 5 V
Figure 14. Input Bias Current vs Common-Mode Voltage
VS = 0 V
Figure 15. Input Bias Current vs Common-Mode Voltage
Figure 16. Input Bias Current vs Temperature
Figure 17. Quiescent Current vs Temperature
Figure 18. Input-Referred Voltage Noise vs Frequency


Similar Part No. - INA240A3EDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA240A3 TI1-INA240A3 Datasheet
1Mb / 35P
[Old version datasheet]   High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240A3 TI1-INA240A3 Datasheet
1Mb / 36P
[Old version datasheet]   INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240A3D TI1-INA240A3D Datasheet
1Mb / 36P
[Old version datasheet]   INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240A3DR TI1-INA240A3DR Datasheet
1Mb / 36P
[Old version datasheet]   INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240A3PW TI1-INA240A3PW Datasheet
543Kb / 8P
[Old version datasheet]   Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
More results

Similar Description - INA240A3EDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA240_016 TI1-INA240_016 Datasheet
1Mb / 35P
[Old version datasheet]   High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240 TI1-INA240_17 Datasheet
1Mb / 36P
[Old version datasheet]   INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240-SEP TI1-INA240-SEP_19 Datasheet
1Mb / 35P
[Old version datasheet]   Wide Common-Mode Range, High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier in Space Enhanced Plastic
INA240-SEP TI1-INA240-SEP Datasheet
1Mb / 35P
[Old version datasheet]   Wide Common-Mode Range, High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier in Space Enhanced Plastic
INA186 TI1-INA186 Datasheet
1Mb / 31P
[Old version datasheet]   Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier
INA190 TI1-INA190_19 Datasheet
1Mb / 41P
[Old version datasheet]   Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
logo
Maxim Integrated Produc...
MAX40056F MAXIM-MAX40056F Datasheet
1Mb / 24P
   Bidirectional Current Sense Amplifier with PWM-Rejection
2021
logo
Texas Instruments
INA186 TI-INA186_V02 Datasheet
2Mb / 46P
[Old version datasheet]   INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
REVISED JULY 2021
INA186 TI1-INA186_V01 Datasheet
1Mb / 38P
[Old version datasheet]   INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com