Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS568215OARNNR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS568215OARNNR
Description  4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS568215OARNNR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS568215OARNNR Datasheet HTML 2Page - Texas Instruments TPS568215OARNNR Datasheet HTML 3Page - Texas Instruments TPS568215OARNNR Datasheet HTML 4Page - Texas Instruments TPS568215OARNNR Datasheet HTML 5Page - Texas Instruments TPS568215OARNNR Datasheet HTML 6Page - Texas Instruments TPS568215OARNNR Datasheet HTML 7Page - Texas Instruments TPS568215OARNNR Datasheet HTML 8Page - Texas Instruments TPS568215OARNNR Datasheet HTML 9Page - Texas Instruments TPS568215OARNNR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
TPS568215OA
SLVSDU7 – JANUARY 2017
www.ti.com
Product Folder Links: TPS568215OA
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.5 Electrical Characteristics
TJ = –40°C to 150°C, VIN=12V (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IIN
VIN supply current
TJ = 25°C, VEN=5 V, non switching
850
µA
IVINSDN
VIN shutdown current
TJ = 25°C, VEN=0 V
7
µA
LOGIC THRESHOLD
VENH
EN H-level threshold voltage
1.175
1.225
1.3
V
VENL
EN L-level threshold voltage
1.025
1.104
1.15
V
VENHYS
0.121
V
IENp1
EN pull-up current
VEN = 1.0 V
0.35
1.91
2.95
µA
IENp2
VEN = 1.3 V
3
4.197
5.5
µA
FEEDBACK VOLTAGE
VFB
FB voltage
TJ = 25°C
598
600
602
mV
TJ = 0°C to 85°C
597.5
600
602.5
mV
TJ = –40°C to 85°C
594
600
602.5
mV
TJ = –40°C to 150°C
594
600
606
mV
LDO VOLTAGE
VREG5
LDO Output voltage
TJ = –40°C to 150°C
4.58
4.7
4.83
V
ILIM5
LDO Output Current limit
TJ = –40°C to 150°C
100
150
200
mA
MOSFET
RDS(on)H
High side switch resistance
TJ = 25°C, VVREG5 = 4.7 V
19
RDS(on)L
Low side switch resistance
TJ = 25°C, VVREG5 = 4.7 V
9.4
SOFT START
Iss
Soft start charge current
TJ = -40°C to 150°C
4.9
6
7.1
µA
CURRENT LIMIT
IOCL
Current Limit (Low side sourcing)
ILIM-1 option, Valley Current
6
7.1
8.15
A
ILIM option, Valley Current
8
9.4
10.8
A
ILIM+1 option, Valley Current
10
11.8
13.5
A
Current Limit (Low side negative)
Valley Current
3
A
POWER GOOD
VPGOODTH
PGOOD threshold
VFB falling (fault)
84%
%VREF
VFB rising (good)
93%
%VREF
VFB rising (fault)
116%
%VREF
VFB falling (good)
107%
%VREF
OUTPUT UNDERVOLTAGE PROTECTION
VUVP
Output UVP threshold
Hiccup detect
68% x
VFB
THERMAL SHUTDOWN
TSDN
Thermal shutdown threshold
Shutdown temperature
160
°C
Hysteresis
15
°C
TSDN VREG5
VREG5 thermal shutdown threshold
Shutdown temperature
171
°C
Hysteresis
18
°C
UVLO
UVLO
UVLO threshold
VREG5 rising voltage
4.1
4.3
4.5
V
VREG5 falling voltage
3.34
3.57
3.8
V
VREG5 hysteresis
730
mV


Similar Part No. - TPS568215OARNNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS568215RNNR TI1-TPS568215RNNR Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS568215RNNT TI1-TPS568215RNNT Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
More results

Similar Description - TPS568215OARNNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54821 TI-TPS54821_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com