Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS568215OARNNR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS568215OARNNR
Description  4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS568215OARNNR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS568215OARNNR Datasheet HTML 7Page - Texas Instruments TPS568215OARNNR Datasheet HTML 8Page - Texas Instruments TPS568215OARNNR Datasheet HTML 9Page - Texas Instruments TPS568215OARNNR Datasheet HTML 10Page - Texas Instruments TPS568215OARNNR Datasheet HTML 11Page - Texas Instruments TPS568215OARNNR Datasheet HTML 12Page - Texas Instruments TPS568215OARNNR Datasheet HTML 13Page - Texas Instruments TPS568215OARNNR Datasheet HTML 14Page - Texas Instruments TPS568215OARNNR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
0
200
400
600
800
1000
1200
1400
0
1
2
3
4
5
6
7
8
Output Current(A)
F = 400kHz
F = 800kHz
F = 1200kHz
C004
SW
SW
SW
11
TPS568215OA
www.ti.com
SLVSDU7 – JANUARY 2017
Product Folder Links: TPS568215OA
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 19. FSW Load Regulation, Mode = OOA, VIN = 12V, VOUT=1.2V


Similar Part No. - TPS568215OARNNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS568215RNNR TI1-TPS568215RNNR Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS568215RNNT TI1-TPS568215RNNT Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
More results

Similar Description - TPS568215OARNNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54821 TI-TPS54821_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com