Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2314 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2314
Description  3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2314 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV2314 Datasheet HTML 7Page - Texas Instruments TLV2314 Datasheet HTML 8Page - Texas Instruments TLV2314 Datasheet HTML 9Page - Texas Instruments TLV2314 Datasheet HTML 10Page - Texas Instruments TLV2314 Datasheet HTML 11Page - Texas Instruments TLV2314 Datasheet HTML 12Page - Texas Instruments TLV2314 Datasheet HTML 13Page - Texas Instruments TLV2314 Datasheet HTML 14Page - Texas Instruments TLV2314 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
100
10
10
100
1k
10k
100k
Frequency (Hz)
V = ±2.75 V
S
V = ±0.9 V
S
1000
900
800
700
600
500
400
300
200
100
0
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
I
OS
I
B
12
10
8
6
4
2
0
Offset Voltage (mV)
1000
800
600
400
200
0
200
400
600
800
1000
-
-
-
-
-
-2.75
0
-2
-1.25
-0.5
0.5
1.25
2
2.75
Common-Mode Voltage (V)
140
120
100
80
60
40
20
0
20
-
0
20
-
-
-
-
-
-
-
-
40
60
80
100
120
140
160
10
1
100
1k
10k
100k
1M
10M
Frequency (Hz)
180
170
160
150
140
130
120
110
100
90
80
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Supply Voltage (V)
11
TLV314-Q1, TLV2314-Q1, TLV4314-Q1
www.ti.com
SBOS837 – NOVEMBER 2016
Product Folder Links: TLV314-Q1 TLV2314-Q1 TLV4314-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.9 Typical Characteristics
at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
RL = 10 kΩ and 10 pF, VS = ±2.5 V
Figure 1. Open-Loop Gain and Phase vs Frequency
Figure 2. Quiescent Current vs Supply
Figure 3. Offset Voltage Production Distribution
Typical units, VS = ±2.75 V
Figure 4. Offset Voltage vs Common-Mode Voltage
Figure 5. Input Voltage Noise Spectral Density vs
Frequency
Figure 6. Input Bias and Offset Current vs Temperature


Similar Part No. - TLV2314

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2314 TI1-TLV2314 Datasheet
1Mb / 35P
[Old version datasheet]   3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
TLV2314-Q1 TI1-TLV2314-Q1 Datasheet
952Kb / 34P
[Old version datasheet]   3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
TLV2314-Q1 TI1-TLV2314-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
TLV2314IDGKR TI1-TLV2314IDGKR Datasheet
1Mb / 35P
[Old version datasheet]   3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
TLV2314IDGKT TI1-TLV2314IDGKT Datasheet
1Mb / 35P
[Old version datasheet]   3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
More results

Similar Description - TLV2314

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV314 TI1-TLV314 Datasheet
1Mb / 35P
[Old version datasheet]   3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
TLV314-Q1 TI1-TLV314-Q1 Datasheet
952Kb / 34P
[Old version datasheet]   3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
TLV314-Q1 TI1-TLV314-Q1_18 Datasheet
1Mb / 37P
[Old version datasheet]   3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314_15 Datasheet
1Mb / 45P
[Old version datasheet]   OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
TLV9001-Q1 TI-TLV9001-Q1_V01 Datasheet
2Mb / 44P
[Old version datasheet]   TLV900x-Q1 Low-Power RRIO 1-MHz Automotive Operational Amplifier
REVISED OCTOBER 2021
TLV9002-Q1 TI-TLV9002-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   TLV900x-Q1 Low-Power RRIO 1-MHz Automotive Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com