Electronic Components Datasheet Search |
|
408-32091 Datasheet(PDF) 1 Page - TE Connectivity Ltd |
|
408-32091 Datasheet(HTML) 1 Page - TE Connectivity Ltd |
1 / 4 page 1 of 4 © 2014 TE Connectivity family of companies All Rights Reserved *Trademark TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product, and/or company names may be trademarks of their respective owners. TOOLING ASSISTANCE CENTER 1-800-722-1111 PRODUCT INFORMATION 1-800-522-6752 This controlled document is subject to change. For latest revision and Regional Customer Service, visit our website at www.te.com. Instruction Sheet 408-32091 12 DEC 14 Rev C Figure 1 1. INTRODUCTION This instruction sheet covers the use of TE Connectivity Hand Crimping Straight Action Hand Tools (SAHT) 2217074-1 and 2280298-1with flip locator which crimps Economy Power 2.5 receptacle contacts listed in Figure 2. NOTE Dimensions are in metric units with [inches in brackets]. Figures and illustrations are for reference only and are not drawn to scale. Read these instructions thoroughly before crimping any contacts. 2. DESCRIPTION (Figures 1 and 3) The FRONT OF TOOL (contact side), is where the contact is inserted. The BACK OF TOOL (wire side), is where the wire is inserted and has the wire size markings above each crimp section. Each tool features a fixed die (crimper), a movable die (anvil), two crimp sections with applicable wire size markings, a flip locator, a wire stop, and a ratchet release lever. Once engaged, the ratchet will not release until the handles have been FULLY closed. CAUTION The ratchet ensures full crimping of the contact. This is a design feature that ensues maximum electrical and tensile performance of the crimp. Do NOT readjust the ratchet. The flip locator positions the contact in the crimping die, and the wire stop aids in locating the wire in the contact. In use, it rests in the transition area of the connector. See Figures 2 and 3. The flip locator prevents the contact from bending during the crimping procedure. The ratchet release lever enables the user to open the partially closed tool handles when necessary. PROPER USE GUIDELINES Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools. Hand tools are intended for occasional use and low volume applications. A wide selection of powered application equipment for extended-use, production operations is available. Mini SAHT 2217074-1 and 2280298-1 with Flip Locator Crimper Anvil Back of Tool Ratchet |
Similar Part No. - 408-32091 |
|
Similar Description - 408-32091 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |