Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD524 Datasheet(PDF) 1 Page - Analog Devices

Part # AD524
Description  Precision Instrumentation Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD524 Datasheet(HTML) 1 Page - Analog Devices

  AD524_16 Datasheet HTML 1Page - Analog Devices AD524_16 Datasheet HTML 2Page - Analog Devices AD524_16 Datasheet HTML 3Page - Analog Devices AD524_16 Datasheet HTML 4Page - Analog Devices AD524_16 Datasheet HTML 5Page - Analog Devices AD524_16 Datasheet HTML 6Page - Analog Devices AD524_16 Datasheet HTML 7Page - Analog Devices AD524_16 Datasheet HTML 8Page - Analog Devices AD524_16 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Precision
Instrumentation Amplifier
AD524
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Low noise: 0.3 μV p-p at 0.1 Hz to 10 Hz
Low nonlinearity: 0.003% (G = 1)
High CMRR: 120 dB (G = 1000)
Low offset voltage: 50 μV
Low offset voltage drift: 0.5 μV/°C
Gain bandwidth product: 25 MHz
Pin programmable gains of 1, 10, 100, 1000
Input protection, power-on/power-off
No external components required
Internally compensated
MIL-STD-883B and chips available
16-lead ceramic DIP and SOIC packages and 20-terminal
leadless chip carrier available
Available in tape and reel in accordance with EIA-481A
standard
Standard military drawing also available
FUNCTIONAL BLOCK DIAGRAM
AD524
20kΩ
– INPUT
G = 10
+ INPUT
G = 100
G = 1000
4.44kΩ
404Ω
40Ω
PROTECTION
20kΩ
20kΩ
20kΩ
20kΩ
20kΩ
SENSE
REFERENCE
PROTECTION
RG1
RG2
1
13
12
11
16
3
2
Vb
OUTPUT
Figure 1.
GENERAL DESCRIPTION
The AD524 is a precision monolithic instrumentation amplifier
designed for data acquisition applications requiring high accu-
racy under worst-case operating conditions. An outstanding
combination of high linearity, high common-mode rejection,
low offset voltage drift, and low noise makes the AD524 suitable
for use in many data acquisition systems.
The AD524 has an output offset voltage drift of less than
25 μV/°C, input offset voltage drift of less than 0.5 μV/°C, CMR
above 90 dB at unity gain (120 dB at G = 1000), and maximum
nonlinearity of 0.003% at G = 1. In addition to the outstanding
dc specifications, the AD524 also has a 25 kHz bandwidth
(G = 1000). To make it suitable for high speed data acquisition
systems, the AD524 has an output slew rate of 5 V/μs and settles
in 15 μs to 0.01% for gains of 1 to 100.
As a complete amplifier, the AD524 does not require any exter-
nal components for fixed gains of 1, 10, 100 and 1000. For other
gain settings between 1 and 1000, only a single resistor is required.
The AD524 input is fully protected for both power-on and
power-off fault conditions.
The AD524 IC instrumentation amplifier is available in four
different versions of accuracy and operating temperature range.
The economical A grade, the low drift B grade, and lower drift,
higher linearity C grade are specified from −25°C to +85°C.
The S grade guarantees performance to specification over the
extended temperature range −55°C to +125°C. The AD524 is
available in a 16-lead ceramic DIP, 16-lead SBDIP, 16-lead SOIC
wide packages, and 20-terminal leadless chip carrier.
PRODUCT HIGHLIGHTS
1.
The AD524 has guaranteed low offset voltage, offset
voltage drift, and low noise for precision high gain
applications.
2.
The AD524 is functionally complete with pin program-
mable gains of 1, 10, 100, and 1000, and single resistor
programmable for any gain.
3.
Input and output offset nulling terminals are provided for
very high precision applications and to minimize offset
voltage changes in gain ranging applications.
4.
The AD524 is input protected for both power-on and
power-off fault conditions.
5.
The AD524 offers superior dynamic performance with a
gain bandwidth product of 25 MHz, full power response of
75 kHz and a settling time of 15 μs to 0.01% of a 20 V step
(G = 100).


Similar Part No. - AD524_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD524 AD-AD524_15 Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD524 AD-AD524_17 Datasheet
583Kb / 25P
   Precision Instrumentation Amplifier
More results

Similar Description - AD524_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com