Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

163243 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 163243
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

163243 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  163243 Datasheet HTML 1Page - TE Connectivity Ltd 163243 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
411-1040
Rev B
2 of 2
4. Crimp the terminal. Bend the wire back and forth once. If the wire pulls out, set pin in No. 2 position
and repeat the test until the desired grip is obtained.
4. CRIMPING PROCEDURE
1. These tools is equipped with a CERTI-CRIMP Ratchet (see Figure 1) to ensure proper crimping. To
open the tool handles, squeeze them until the ratchet releases.
NOTE
Once the ratchet is engaged, the handles cannot be opened until they are fully closed.
2. Place the terminal in the tool so that the locator fits in the slot between the terminal insulation barrel
and the wire barrel. See Figure 2.
Figure 2
3. Close the handles until the crimping jaws close just enough to retain the terminal. See Figure 2.
CAUTION
Do not deform the terminal. Damaged product should not be used. If damaged product is evident, it should be replace with a
new one. Terminals should not be re-terminated.
4. Insert the stripped wire into the terminal until the end of the insulation butts against the locator.
5. Close the tool handles until the CERTI-CRIMP Ratchet releases. Remove the crimped terminal from
the tool.
6. For wire with insulation diameter 3.5 mm [.138 in.] and larger, first insert the wire into the terminal. The
insulation barrel will be fixed around the insulation.
7. Then follow steps 2 and 5.
5. GAGE DIMENSIONS
To ensure the tool is dimensionally correct, check the tool dimensions with a gage. See Figure 3.
TOOL NO. 575937
TOOL NO. 575938
Wire Nest Gage Height
Insulation Nest Gage Height
Adjuster Set At #1
Wire Nest Gage Height
Insulation Nest Gage Height
Adjuster Set At #1
A
B
A
B
A
B
A
B
1.04-1.14
[.041-.045]
1.17-1.27
[.046-.050]
1.83-2.24
[.072-.088]
2.08-2.49
[.082-.098]
1.32-1.42
[.052-.056]
1.75-1.85
[.069-.073]
2.72-3.12
[.107-.123]
3.15-3.56
[.124-.140]
Figure 3
6. MAINTENANCE
Lubricate all pins, pivot points, and bearing surfaces as needed with any good S.A.E. No. 2 Motor Oil.
7. REVISION SUMMARY
Updated document to corporate requirements. Added new gage dimension information in new Figure 3.
End of Insulation Butts
Against Locator When Wire
is Inserted in Terminal
See Crimping Procedure
in Paragraph 4.6
Locator Fits into Slot
Between Wire Barrel
and Insulation Barrel
Close Crimping Jaws Just
Enough to Retain Terminal


Similar Part No. - 163243

ManufacturerPart #DatasheetDescription
logo
Heyco.
16324 HEYCO-16324 Datasheet
150Kb / 2P
   Hook and Loop – Ties
More results

Similar Description - 163243

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-8698 MACOM-408-8698 Datasheet
623Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8695 MACOM-408-8695 Datasheet
988Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
TE Connectivity Ltd
408-32084 TEC-408-32084 Datasheet
650Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-6790 TEC-408-6790 Datasheet
306Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-1535 TEC-408-1535 Datasheet
640Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-1412 TEC-408-1412 Datasheet
741Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-9786 TEC-408-9786 Datasheet
427Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
Tyco Electronics
408-1662 MACOM-408-1662 Datasheet
1Mb / 8P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
TE Connectivity Ltd
408-4087 TEC-408-4087 Datasheet
285Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8691 TEC-408-8691 Datasheet
769Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-8739 TEC-408-8739 Datasheet
836Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com