Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8139 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8139
Description  Low Noise, Rail-to-Rail, Differential ADC Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8139 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8139_16 Datasheet HTML 4Page - Analog Devices AD8139_16 Datasheet HTML 5Page - Analog Devices AD8139_16 Datasheet HTML 6Page - Analog Devices AD8139_16 Datasheet HTML 7Page - Analog Devices AD8139_16 Datasheet HTML 8Page - Analog Devices AD8139_16 Datasheet HTML 9Page - Analog Devices AD8139_16 Datasheet HTML 10Page - Analog Devices AD8139_16 Datasheet HTML 11Page - Analog Devices AD8139_16 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Data Sheet
AD8139
Rev. C | Page 7 of 26
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
12 V
VOCM
±VS
Power Dissipation
See Figure 4
Input Common-Mode Voltage
±VS
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +125°C
Lead Temperature (Soldering 10 sec)
300°C
Junction Temperature
150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, θJA is specified
for device soldered in circuit board for surface-mount packages.
Table 4.
Package Type
θJA
Unit
8-Lead SOIC with EP/4-Layer
70
°C/W
8-Lead LFCSP/4-Layer
70
°C/W
Maximum Power Dissipation
The maximum safe power dissipation in the AD8139 package
is limited by the associated rise in junction temperature (TJ) on
the die. At approximately 150°C, which is the glass transition
temperature, the plastic changes its properties. Even temporarily
exceeding this temperature limit can change the stresses that the
package exerts on the die, permanently shifting the parametric
performance of the AD8139. Exceeding a junction temperature
of 175°C for an extended period can result in changes in the
silicon devices potentially causing failure.
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive for all outputs. The quiescent
power is the voltage between the supply pins (VS) times the
quiescent current (IS). The load current consists of differential
and common-mode currents flowing to the load, as well as
currents flowing through the external feedback networks and
the internal common-mode feedback loop. The internal resistor
tap used in the common-mode feedback loop places a 1 kΩ
differential load on the output. RMS output voltages should be
considered when dealing with ac signals.
Airflow reduces θJA. In addition, more metal directly in contact
with the package leads from metal traces, through holes, ground,
and power planes reduce the θJA.
Figure 4 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the exposed paddle
(EP) 8-lead SOIC (θJA = 70°C/W) and the 8-lead LFCSP
JA = 70°C/W) on a JEDEC standard 4-layer board. θJA
values are approximations.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–40
–20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE (°C)
SOIC
AND LFCSP
Figure 4. Maximum Power Dissipation vs. Temperature for a 4-Layer Board
ESD CAUTION


Similar Part No. - AD8139_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8139 AD-AD8139_15 Datasheet
775Kb / 25P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
More results

Similar Description - AD8139_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8139 AD-AD8139_15 Datasheet
775Kb / 25P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
AD8139 AD-AD8139 Datasheet
720Kb / 24P
   Low Noise Rail-to-Rail Differential ADC Driver
REV. A
AD8139 AD-AD8139_07 Datasheet
685Kb / 24P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
logo
Linear Technology
LTC6405CUD LINER-LTC6405CUD Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
LTC6405 LINER-LTC6405_15 Datasheet
442Kb / 26P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifier/Driver
LTC6406 LINER-LTC6406_15 Datasheet
330Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406 LINER-LTC6406 Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6405 LINER-LTC6405 Datasheet
286Kb / 24P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
ADA4899-1 LINER-ADA4899-1 Datasheet
250Kb / 4P
   Rail-to-Rail SAR ADC Driver Amplifier
logo
Texas Instruments
THS4520-DIE TI1-THS4520-DIE Datasheet
96Kb / 5P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER WITH RAIL-TO-RAIL OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com