Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC499LC4 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC499LC4
Description  Point-to-Point Radios
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC499LC4 Datasheet(HTML) 5 Page - Analog Devices

  HMC499LC4 Datasheet HTML 1Page - Analog Devices HMC499LC4 Datasheet HTML 2Page - Analog Devices HMC499LC4 Datasheet HTML 3Page - Analog Devices HMC499LC4 Datasheet HTML 4Page - Analog Devices HMC499LC4 Datasheet HTML 5Page - Analog Devices HMC499LC4 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
5
HMC499LC4
v05.0514
SMT PHEMT MEDIUM POWER AMPLIFIER
21 - 32 GHz
pin number
function
Description
interface schematic
1, 5 - 8, 10 - 14,
18, 20, 22, 24
n/C
no connection required. These pins may be connected to rf/
DC ground without affecting performance.
2, 4, 15, 17
GnD
package bottom has an exposed metal paddle that must also
be connected to rf/DC ground.
3
rfin
This pin is AC coupled
and matched to 50 ohms.
9
Vgg
Gate control for amplifier. Adjust to achieve id of 200 mA.
please follow “mmiC Amplifier Biasing procedure”
Application note. external bypass capacitors of 100 pf,
1000 pf and 2.2
µf are required.
16
RFOUT
This pad is AC coupled
and matched to 50 ohms.
23, 21, 19
Vdd1, Vdd2, Vdd3
power supply Voltage for the amplifier. external bypass
capacitors of 100 pf, 1000pf, and 2.2
µf are required.
Pin Descriptions
Application Circuit
Component
Value
C1
100 pf
C2
1,000 pf
C3
2.2 µf
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC499LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC499LC4 HITTITE-HMC499LC4 Datasheet
348Kb / 6P
   SMT PHEMT MEDIUM POWER AMPLIFIER, 21 - 32 GHz
HMC499LC4 HITTITE-HMC499LC4 Datasheet
244Kb / 6P
   SMT PHEMT MEDIUM POWER AMPLIFIER, 21 - 32 GHz
HMC499LC4 HITTITE-HMC499LC4 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC499LC4 AD-HMC499LC4 Datasheet
314Kb / 6P
   SMT PHEMT MEDIUM POWER AMPLIFIER
HMC499LC4 AD-HMC499LC4 Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMC499LC4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC753 AD-HMC753 Datasheet
429Kb / 14P
   Point to point radios
HMC490 AD-HMC490 Datasheet
406Kb / 8P
   Point-to-Point Radios
logo
Micross Components
HMC383 MICROSS-HMC383 Datasheet
907Kb / 9P
   Point-to-Point Radios
logo
Analog Devices
HMC7229CHIPS AD-HMC7229CHIPS Datasheet
275Kb / 16P
   Point to point radios
HMC-ALH482 AD-HMC-ALH482 Datasheet
285Kb / 6P
   Point-to-Point Radios
HMC144LC4 AD-HMC144LC4 Datasheet
615Kb / 10P
   Point-to-Point Radios
HMC516LC5 AD-HMC516LC5 Datasheet
375Kb / 6P
   Point-to-Point Radios
HMC633LC4 AD-HMC633LC4 Datasheet
425Kb / 8P
   Point-to-Point Radios
logo
Micross Components
HMC392 MICROSS-HMC392 Datasheet
836Kb / 9P
   Point-to-Point Radios
HMC451 MICROSS-HMC451 Datasheet
955Kb / 9P
   Point-to-Point Radios
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com