Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8475ARMZ-RL Datasheet(PDF) 7 Page - Analog Devices

Part # AD8475ARMZ-RL
Description  Precision, Selectable Gain, Fully Differential Funnel Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8475ARMZ-RL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8475ARMZ-RL Datasheet HTML 3Page - Analog Devices AD8475ARMZ-RL Datasheet HTML 4Page - Analog Devices AD8475ARMZ-RL Datasheet HTML 5Page - Analog Devices AD8475ARMZ-RL Datasheet HTML 6Page - Analog Devices AD8475ARMZ-RL Datasheet HTML 7Page - Analog Devices AD8475ARMZ-RL Datasheet HTML 8Page - Analog Devices AD8475ARMZ-RL Datasheet HTML 9Page - Analog Devices AD8475ARMZ-RL Datasheet HTML 10Page - Analog Devices AD8475ARMZ-RL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
AD8475
Data Sheet
Rev. C | Page 6 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
12
11
10
1
3
4
NC
–OUT
+OUT
9 VOCM
+IN 0.4x
–IN 0.8x
2
+IN 0.8x
–IN 0.4x
AD8475
TOP VIEW
(Not to Scale
NOTES
1. NC = NO CONNECT.
2. SOLDER THE EXPOSED PADDLE ON THE BACK
OF THE PACKAGE TO A GROUND PLANE.
Figure 3. 16-Lead LFCSP Pin Configuration
Table 4. 16-Lead LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
+IN 0.4x
Positive Input for 0.4 Attenuation.
2
+IN 0.8x
Positive Input for 0.8 Attenuation
3
−IN 0.8x
Negative Input for 0.8 Attenuation.
4
−IN 0.4x
Negative Input for 0.4 Attenuation.
5
−IN 0.4x
Negative Input for 0.4 Attenuation.
6
+VS
Positive Supply.
7
+VS
Positive Supply.
8
+VS
Positive Supply.
9
VOCM
Output Common-Mode Adjust.
10
+OUT
Positive Output.
11
−OUT
Negative Output.
12
NC
No Connect.
13
−VS
Negative Supply.
14
−VS
Negative Supply.
15
−VS
Negative Supply.
16
+IN 0.4x
Positive Input for 0.4 Attenuation.
EPAD
Solder the exposed paddle on the back of the package to a ground plane.


Similar Part No. - AD8475ARMZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8475ARMZ-RL AD-AD8475ARMZ-RL Datasheet
554Kb / 24P
   Precision, Selectable Gain, Fully Differential Funnel Amplifier
REV. B
AD8475ARMZ-RL AD-AD8475ARMZ-RL Datasheet
549Kb / 24P
   Precision, Selectable Gain, Fully Differential Funnel Amplifier
More results

Similar Description - AD8475ARMZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8475 AD-AD8475_17 Datasheet
549Kb / 24P
   Precision, Selectable Gain, Fully Differential Funnel Amplifier
AD8475 AD-AD8475 Datasheet
554Kb / 24P
   Precision, Selectable Gain, Fully Differential Funnel Amplifier
REV. B
LT1997-2 AD-LT1997-2 Datasheet
806Kb / 26P
   Precision, Wide Voltage Range, Gain Selectable Funnel Amplifier
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
   Precision, 100A Gain Selectable Amplifier
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
   Precision, 100A Gain Selectable Amplifier
LT1996 LINER-LT1996 Datasheet
351Kb / 24P
   Precision, 100uA Gain Selectable Amplifier
logo
TriQuint Semiconductor
TQS5202 TRIQUINT-TQS5202 Datasheet
548Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Integrated Syste...
LT1991 LINEAR-LT1991 Datasheet
296Kb / 24P
   Precision, 100UA Gain Selectable Amplifier
logo
Vishay Siliconix
IM-10RFCL-12 VISHAY-IM-10RFCL-12 Datasheet
114Kb / 1P
   Precision, 100UA Gain Selectable Amplifier
Revision 02-Nov-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com