Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1086-18XY Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC1086-18XY
Description  1.5A Low Dropout Positive Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1086-18XY Datasheet(HTML) 7 Page - Analog Intergrations Corporation

Back Button AIC1086-18XY Datasheet HTML 3Page - Analog Intergrations Corporation AIC1086-18XY Datasheet HTML 4Page - Analog Intergrations Corporation AIC1086-18XY Datasheet HTML 5Page - Analog Intergrations Corporation AIC1086-18XY Datasheet HTML 6Page - Analog Intergrations Corporation AIC1086-18XY Datasheet HTML 7Page - Analog Intergrations Corporation AIC1086-18XY Datasheet HTML 8Page - Analog Intergrations Corporation AIC1086-18XY Datasheet HTML 9Page - Analog Intergrations Corporation AIC1086-18XY Datasheet HTML 10Page - Analog Intergrations Corporation AIC1086-18XY Datasheet HTML 11Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AIC1086
7
APPLICATION INFORMATION
INPUT-OUTPUT CAPACITORS
Linear
regulators
require
input
and
output
capacitors to maintain stability. Input capacitor at
10
F with a 10F aluminum electrolytic output
capacitor is recommended.
POWER DISSIPATION
The AIC1086 obtains thermal-limiting circuitry,
which is designed to protect the device against
overload
condition.
For
continuous
load
condition,
maximum
rating
of
junction
temperature must
not
be
exceeded.
It
is
important to pay more attention in thermal
resistance. It includes junction to case, junction
to ambient. The maximum power dissipation of
AIC1086 depends on the thermal resistance of
its case and circuit board, the temperature
difference between the die junction and ambient
air, and the rate of airflow. The rate of
temperature rise is greatly affected by the
mounting pad configuration on the PCB, the
board material, and the ambient temperature.
When the IC mounting with good thermal
conductivity is used, the junction temperature
will be low even when large power dissipation
applies.
The power dissipation across the device is
P = IOUT (VIN-VOUT).
The maximum power dissipation is:
JA
A
max
-
J
MAX
R
θ
)
T
-
(T
P
Where TJ-max is the maximum allowable junction
temperature (125
C), and T
A
is the ambient
temperature suitable in application.
As a general rule, the lower temperature is, the
better reliability of the device is. So the PCB
mounting pad should provide maximum thermal
conductivity to maintain low device temperature.
APPLICATION EXAMPLES
125
R1
205
R2
+
10uF
C2
+
10uF
C1
MMBT2222A
1k
R3
1k
R4
Vin
Vout
AIC1086
3
1 ADJ
2
5V
3.3V
TTL
125
R1
205
R2
+
100uF
C2
+
10uF
C1
Vin
Vout
AIC1086
3
1 ADJ
2
Cadj
5V
3.3V
* Cadj can improve ripple rejection
Fig. 8 VOUT=3.3V with Shutdown
Fig. 9 Improving Ripple Rejection
125
R1
+
10uF
C2
+
10uF
C1
Vin
Vout
AIC1086
3
1 ADJ
2
5V
1.25V
+
100uF
C2
+
10uF
C1
Vout
AIC1086-33
3
1
2
-3.3V
D1
T1
Vin
FLOATING INPUT
Fig. 10 VOUT=1.25V Application Circuit
Fig. 11 Low Dropout Negative Supply


Similar Part No. - AIC1086-18XY

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1086-28CE AIC-AIC1086-28CE Datasheet
109Kb / 7P
   1.5A Low Dropout Positive Adjustable Regulator
AIC1086-28CM AIC-AIC1086-28CM Datasheet
109Kb / 7P
   1.5A Low Dropout Positive Adjustable Regulator
AIC1086-28CT AIC-AIC1086-28CT Datasheet
109Kb / 7P
   1.5A Low Dropout Positive Adjustable Regulator
AIC1086-28CY AIC-AIC1086-28CY Datasheet
109Kb / 7P
   1.5A Low Dropout Positive Adjustable Regulator
AIC1086-33CE AIC-AIC1086-33CE Datasheet
109Kb / 7P
   1.5A Low Dropout Positive Adjustable Regulator
More results

Similar Description - AIC1086-18XY

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6086 SSC-SS6086 Datasheet
514Kb / 7P
   1.5A Low Dropout Positive Regulator
logo
Vishay Siliconix
GS1086 VISHAY-GS1086 Datasheet
81Kb / 6P
   1.5A Low Dropout Positive Adjustable Regulator
12-Mar-02
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_08 Datasheet
168Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
TS1086 TSC-TS1086 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1086 AME-AME1086 Datasheet
103Kb / 14P
   1.5A Low Dropout Positive Voltage Regulator
logo
Analog Intergrations Co...
AIC1086 AIC-AIC1086 Datasheet
109Kb / 7P
   1.5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1015 IRF-IRU1015 Datasheet
104Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_07 Datasheet
482Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
First Components Intern...
FC1286 FCI-FC1286 Datasheet
316Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com