Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1117 Datasheet(PDF) 8 Page - Analog Intergrations Corporation

Part # AIC1117
Description  800mA Low Dropout Positive Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1117 Datasheet(HTML) 8 Page - Analog Intergrations Corporation

Back Button AIC1117_15 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1117_15 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1117_15 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1117_15 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1117_15 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1117_15 Datasheet HTML 9Page - Analog Intergrations Corporation AIC1117_15 Datasheet HTML 10Page - Analog Intergrations Corporation AIC1117_15 Datasheet HTML 11Page - Analog Intergrations Corporation AIC1117_15 Datasheet HTML 12Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AIC1117
8
APPLICATION INFORMATION
INPUT-OUTPUT CAPACITORS
Linear
regulators
require
input
and
output
capacitors to maintain stability. Input capacitor at
10
F with a 10F aluminum electrolytic output
capacitor is recommended. To avoid oscillation,
it is recommended to follow Fig. 8, 9 to choose
proper capacitor specifications.
POWER DISSIPATION
The AIC1117 obtains thermal-limiting circuitry,
which is designed to protect the device against
overload
condition.
For
continuous
load
condition,
maximum
rating
of
junction
temperature must
not
be
exceeded.
It
is
important to pay more attention in thermal
resistance. It includes junction to case, junction
to ambient. The maximum power dissipation of
AIC1117 depends on the thermal resistance of
its case and circuit board, the temperature
difference between the die junction and ambient
air, and the rate of airflow. The rate of
temperature rise is greatly affected by the
mounting pad configuration on the PCB, the
board material, and the ambient temperature.
When the IC mounting with good thermal
conductivity is used, the junction temperature
will be low even when large power dissipation
applies.
The power dissipation across the device is
P = IOUT (VIN-VOUT).
The maximum power dissipation is:
JA
A
max
-
J
MAX
R
θ
)
T
-
(T
P
Where TJ-max is the maximum allowable junction
temperature (125
C), and T
A
is the ambient
temperature suitable in application.
As a general rule, the lower temperature is, the
better reliability of the device is. So the PCB
mounting pad should provide maximum thermal
conductivity to maintain low device temperature.
.
APPLICATION EXAMPLES
125
R1
205
R2
+
10
F
C2
+
10
F
C1
MMBT2222A
1k
R3
1k
R4
Vin
Vout
AIC1117
3
1 ADJ
2
5V
3.3V
TTL
125
R1
205
R2
+
100
F
C2
+
10
F
C1
Vin
Vout
AIC1117
3
1 ADJ
2
Cadj
5V
3.3V
* Cadj can improve ripple rejection
Fig. 10 VOUT=3.3V with Shutdown
Fig. 11 Improving Ripple Rejection
125
R1
+
10
F
C2
+
10
F
C1
Vin
Vout
AIC1117
3
1 ADJ
2
5V
1.25V
+
100
F
C2
+
10
F
C1
Vout
AIC1117-33
3
1
2
-3.3V
D1
T1
Vin
FLOATING INPUT
Fig. 12 VOUT=1.25V Application Circuit
Fig. 13 Low Dropout Negative Supply


Similar Part No. - AIC1117_15

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1117-28 AIC-AIC1117-28 Datasheet
111Kb / 7P
   800mA Low Dropout Positive Adjustable Regulator
AIC1117-28CE AIC-AIC1117-28CE Datasheet
111Kb / 7P
   800mA Low Dropout Positive Adjustable Regulator
AIC1117-28CM AIC-AIC1117-28CM Datasheet
111Kb / 7P
   800mA Low Dropout Positive Adjustable Regulator
AIC1117-28CT AIC-AIC1117-28CT Datasheet
111Kb / 7P
   800mA Low Dropout Positive Adjustable Regulator
AIC1117-28CY AIC-AIC1117-28CY Datasheet
111Kb / 7P
   800mA Low Dropout Positive Adjustable Regulator
More results

Similar Description - AIC1117_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117B TSC-TS1117B Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
logo
Analog Intergrations Co...
AIC1732 AIC-AIC1732 Datasheet
98Kb / 6P
   800mA Low Dropout Positive Adjustable Regulator
logo
Taiwan Semiconductor Co...
TS1117S TSC-TS1117S Datasheet
362Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
logo
International Rectifier
IRU1117 IRF-IRU1117 Datasheet
68Kb / 10P
   800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Vishay Siliconix
74802 VISHAY-74802 Datasheet
81Kb / 6P
   800mA Low Dropout Positive Adjustable Regulator
20-Feb-02
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117 Datasheet
111Kb / 7P
   800mA Low Dropout Positive Adjustable Regulator
logo
Taiwan Semiconductor Co...
TS1117B TSC-TS1117B_07 Datasheet
514Kb / 9P
   800mA Low Dropout Positive Voltage Regulator
logo
Microchip Technology
TC2117 MICROCHIP-TC2117 Datasheet
447Kb / 12P
   800mA Fixed Low Dropout Positive Regulator
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com