Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1117A-18 Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # AIC1117A-18
Description  1A Low Dropout Positive Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1117A-18 Datasheet(HTML) 6 Page - Analog Intergrations Corporation

Back Button AIC1117A-18 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1117A-18 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1117A-18 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1117A-18 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1117A-18 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1117A-18 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1117A-18 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1117A-18 Datasheet HTML 9Page - Analog Intergrations Corporation AIC1117A-18 Datasheet HTML 10Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AIC1117A
6
BLOCK DIAGRAM
VIN
55
A
ADJ
VREF
1.25V
-
+
GM
+
Thermal
Limit
Current Amp.
VOUT
GND
For fixed voltage
device
Current
Limit
PIN DESCRIPTIONS
ADJ PIN
-
Providing VREF=1.25V (typ.) for adjustable VOUT. VREF=VOUT-VADJ and IADJ=55A (typ.)
(GND PIN- Power ground.)
VOUT PIN -
Adjustable output voltage.
VIN PIN
-
Power Input.


Similar Part No. - AIC1117A-18

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1117A-28CE AIC-AIC1117A-28CE Datasheet
136Kb / 8P
   1A Low Dropout Positive Adjustable Regulator
AIC1117A-28CM AIC-AIC1117A-28CM Datasheet
136Kb / 8P
   1A Low Dropout Positive Adjustable Regulator
AIC1117A-28CT AIC-AIC1117A-28CT Datasheet
136Kb / 8P
   1A Low Dropout Positive Adjustable Regulator
AIC1117A-28CY AIC-AIC1117A-28CY Datasheet
136Kb / 8P
   1A Low Dropout Positive Adjustable Regulator
AIC1117A-33 AIC-AIC1117A-33 Datasheet
136Kb / 8P
   1A Low Dropout Positive Adjustable Regulator
More results

Similar Description - AIC1117A-18

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122_10 Datasheet
206Kb / 11P
   1A LOW DROPOUT POSITIVE REGULATOR
DS31012 Rev. 9 - 2
logo
GTM CORPORATION
GE1117A50 GTM-GE1117A50 Datasheet
235Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
GE1147-50 GTM-GE1147-50 Datasheet
234Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
logo
Anachip Corp
AP1122 ANACHIP-AP1122 Datasheet
191Kb / 10P
   1A Low Dropout Positive Regulator
logo
List of Unclassifed Man...
AMC1117 ETC-AMC1117 Datasheet
240Kb / 9P
   1A Low Dropout Positive Regulator
logo
Silicon Standard Corp.
SS6117AG SSC-SS6117AG Datasheet
230Kb / 7P
   1A Low-Dropout Positive Regulator
logo
Seaward Electronics Inc...
SE1122 SEAWARD-SE1122_14 Datasheet
256Kb / 5P
   1A Low Dropout Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com