Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1117A-18 Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC1117A-18
Description  1A Low Dropout Positive Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1117A-18 Datasheet(HTML) 7 Page - Analog Intergrations Corporation

Back Button AIC1117A-18 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1117A-18 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1117A-18 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1117A-18 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1117A-18 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1117A-18 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1117A-18 Datasheet HTML 9Page - Analog Intergrations Corporation AIC1117A-18 Datasheet HTML 10Page - Analog Intergrations Corporation AIC1117A-18 Datasheet HTML 11Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AIC1117A
7
APPLICATION INFORMATION
INPUT-OUTPUT CAPACITORS
Linear
regulators
require
input
and
output
capacitors to maintain stability. Input capacitor at
10
F with a 10F aluminum electrolytic output
capacitor is recommended.
POWER DISSIPATION
The AIC1117A obtains thermal-limiting circuitry,
which is designed to protect the device against
overload
condition.
For
continuous
load
condition,
maximum
rating
of
junction
temperature must
not
be
exceeded.
It
is
important to pay more attention in thermal
resistance. It includes junction to case, junction
to ambient. The maximum power dissipation of
AIC1117A depends on the thermal resistance of
its case and circuit board, the temperature
difference between the die junction and ambient
air, and the rate of airflow. The rate of
temperature rise is greatly affected by the
mounting pad configuration on the PCB, the
board material, and the ambient temperature.
When the IC mounting with good thermal
conductivity is used, the junction temperature
will be low even when large power dissipation
applies.
The power dissipation across the device is
P = IOUT (VIN-VOUT).
The maximum power dissipation is:
JA
A
max
-
J
MAX
R
θ
)
T
-
(T
P
Where TJ-max is the maximum allowable junction
temperature (125
C), and T
A
is the ambient
temperature suitable in application.
As a general rule, the lower temperature is, the
better reliability of the device is. So the PCB
mounting pad should provide maximum thermal
conductivity to maintain low device temperature.
APPLICATION EXAMPLES
125
R1
205
R2
+
10uF
C2
+
10uF
C1
MMBT2222A
1k
R3
1k
R4
Vin
Vout
AIC1117A
3
1 ADJ
2
5V
3.3V
TTL
125
R1
205
R2
+
100uF
C2
+
10uF
C1
Vin
Vout
AIC1117A
3
1 ADJ
2
Cadj
5V
3.3V
* Cadj can improve ripple rejection
Fig. 6 VOUT=3.3V with Shutdown
Fig. 7 Improving Ripple Rejection
125
R1
+
10uF
C2
+
10uF
C1
Vin
Vout
AIC1117A
3
1 ADJ
2
5V
1.25V
+
100uF
C2
+
10uF
C1
Vout
AIC1117A-33
3
1
2
-3.3V
D1
T1
Vin
FLOATING INPUT
Fig. 8 VOUT=1.25V Application Circuit
Fig. 9 Low Dropout Negative Supply


Similar Part No. - AIC1117A-18

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1117A-28CE AIC-AIC1117A-28CE Datasheet
136Kb / 8P
   1A Low Dropout Positive Adjustable Regulator
AIC1117A-28CM AIC-AIC1117A-28CM Datasheet
136Kb / 8P
   1A Low Dropout Positive Adjustable Regulator
AIC1117A-28CT AIC-AIC1117A-28CT Datasheet
136Kb / 8P
   1A Low Dropout Positive Adjustable Regulator
AIC1117A-28CY AIC-AIC1117A-28CY Datasheet
136Kb / 8P
   1A Low Dropout Positive Adjustable Regulator
AIC1117A-33 AIC-AIC1117A-33 Datasheet
136Kb / 8P
   1A Low Dropout Positive Adjustable Regulator
More results

Similar Description - AIC1117A-18

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122_10 Datasheet
206Kb / 11P
   1A LOW DROPOUT POSITIVE REGULATOR
DS31012 Rev. 9 - 2
logo
GTM CORPORATION
GE1117A50 GTM-GE1117A50 Datasheet
235Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
GE1147-50 GTM-GE1147-50 Datasheet
234Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
logo
Anachip Corp
AP1122 ANACHIP-AP1122 Datasheet
191Kb / 10P
   1A Low Dropout Positive Regulator
logo
List of Unclassifed Man...
AMC1117 ETC-AMC1117 Datasheet
240Kb / 9P
   1A Low Dropout Positive Regulator
logo
Silicon Standard Corp.
SS6117AG SSC-SS6117AG Datasheet
230Kb / 7P
   1A Low-Dropout Positive Regulator
logo
Seaward Electronics Inc...
SE1122 SEAWARD-SE1122_14 Datasheet
256Kb / 5P
   1A Low Dropout Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com