Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1190 Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1190
Description  Ultra LDO 1A Linear Regulator With
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1190 Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1190_15 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1190_15 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1190_15 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1190_15 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1190_15 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1190_15 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1190_15 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1190_15 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1190_15 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AIC1190
3
ORDERING INFORMATION (Continued)
PACKIN G TYPE
TR: TAPE & REEL
TB: TUBE
PACKAGE TYPE
E4: TO-252-4
E5: TO-252-5
M5: TO-263-5
P: Lead Free Commercial
G: Green Package
OUTPUT VOLTAGE
08: 0.8V
10: 1.0V
12: 1.2V
15: 1.5V
18: 1.8V
20: 2.0V
25: 2.5V
27: 2.7V
30: 3.0V
33: 3.3V
35: 3.5V
37: 3.7V
38: 3.8V
(Of a unit of 0.1V within
0.8~4.5V, additional voltage
versions are available on
demand)
ENABLE TYPE
L: Chip Enable Low
H: Chip Enable High
B: Bypass
A: ADJ
5 PIN CONFIGURATION
AIC1190XX-XXXXXXX
Example:
AIC1190BH-18PM5TR
 With Bypass Pin, Chip Enable High, 1.8V Version, in TO-263-5
Lead Free Package & Tape & Reel Packing Type
Output Voltage Could Be Adjusted from 0.8V to 5.0V by External R esistors.
TO-252-5 (E5)
TOP VIEW
1: EN / EN
2: VIN
3: GND (TAB)
4: VOU T
5: BP/ AD J
1 2 3 4 5
TO-263-5 (M5)
TOP VIEW
1: EN / EN
2: VIN
3: GND (TAB)
4: VOU T
5: BP/ AD J
12
4 5
3
TO-252-4 (E4)
TOP VIEW
1: EN / EN
2: VIN
3: GND (TAB)
4: VOU T
5: BP/ ADJ
1 2 3 4 5


Similar Part No. - AIC1190_15

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1190-XXGY3 AIC-AIC1190-XXGY3 Datasheet
759Kb / 19P
   Ultra LDO 1A Linear Regulator With Adjustable & Bypass Pin
AIC1190-XXPY3 AIC-AIC1190-XXPY3 Datasheet
759Kb / 19P
   Ultra LDO 1A Linear Regulator With Adjustable & Bypass Pin
More results

Similar Description - AIC1190_15

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1190-08GTR SMC-SULR1190-08GTR Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
SULR1190 SMC-SULR1190 Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
logo
Analog Intergrations Co...
AIC1190 AIC-AIC1190 Datasheet
759Kb / 19P
   Ultra LDO 1A Linear Regulator With Adjustable & Bypass Pin
logo
Maxim Integrated Produc...
MAX25301A MAXIM-MAX25301A Datasheet
468Kb / 15P
   1A Automotive Low-Noise LDO Linear Regulator
2020
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com