Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1190-xxPY3 Datasheet(PDF) 8 Page - Analog Intergrations Corporation

Part # AIC1190-xxPY3
Description  Ultra LDO 1A Linear Regulator With
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1190-xxPY3 Datasheet(HTML) 8 Page - Analog Intergrations Corporation

Back Button AIC1190-xxPY3 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1190-xxPY3 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1190-xxPY3 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1190-xxPY3 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1190-xxPY3 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1190-xxPY3 Datasheet HTML 9Page - Analog Intergrations Corporation AIC1190-xxPY3 Datasheet HTML 10Page - Analog Intergrations Corporation AIC1190-xxPY3 Datasheet HTML 11Page - Analog Intergrations Corporation AIC1190-xxPY3 Datasheet HTML 12Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AIC1190
8
TYPICAL PERFORMANCE CHARACTERISTICS
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
50
52
54
56
58
60
62
64
V
OUT
=3.3V
V
OUT
=2.0V
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
1.9850
1.9875
1.9900
1.9925
1.9950
1.9975
2.0000
V
IN
=V
OUT
+1
V
OUT
=2.0V
I
OUT
=1mA
I
OUT
=10mA
I
OUT
=90mA
Input Voltage (V)
Fig. 1 Supply Current vs. Input Voltage
Fig. 2 Output Voltage vs. Input Voltage
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
55
56
57
58
59
60
61
62
63
64
65
I
LOAD
=100mA
I
LOAD
=500mA
V
IN
=V
OUT
+1
V
OUT
=2.0V
Supply Voltage (V)
-40
-20
0
20
40
60
80
100
120
140
46
48
50
52
54
56
58
60
62
64
V
IN
=V
OUT
+1
V
OUT
=2.0V
Temperature
Fig. 3 Ground Current
Fig. 4 Quiescent Current vs. Temperature
-40
-20
0
20
40
60
80
100
120
140
-0.6
-0.4
-0.2
0.0
0.2
0.4
V
IN
=V
OUT
+1
V
OUT
=2.0V
Temperature
Fig. 5 Output Voltage vs. Temperature
Fig.6 Start-up waveform without bypass capacitance
(℃)
(℃)
Input Current
Input Voltage
Output Voltage


Similar Part No. - AIC1190-xxPY3

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1190-XXPY3 AIC-AIC1190-XXPY3 Datasheet
759Kb / 19P
   Ultra LDO 1A Linear Regulator With Adjustable & Bypass Pin
More results

Similar Description - AIC1190-xxPY3

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1190-08GTR SMC-SULR1190-08GTR Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
SULR1190 SMC-SULR1190 Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
logo
Analog Intergrations Co...
AIC1190 AIC-AIC1190 Datasheet
759Kb / 19P
   Ultra LDO 1A Linear Regulator With Adjustable & Bypass Pin
logo
Maxim Integrated Produc...
MAX25301A MAXIM-MAX25301A Datasheet
468Kb / 15P
   1A Automotive Low-Noise LDO Linear Regulator
2020
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com